Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMM372F400CS Datasheet(PDF) 18 Page - Samsung semiconductor

Part # KMM372F400CS
Description  4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372F400CS Datasheet(HTML) 18 Page - Samsung semiconductor

Back Button KMM372F400CS Datasheet HTML 12Page - Samsung semiconductor KMM372F400CS Datasheet HTML 13Page - Samsung semiconductor KMM372F400CS Datasheet HTML 14Page - Samsung semiconductor KMM372F400CS Datasheet HTML 15Page - Samsung semiconductor KMM372F400CS Datasheet HTML 16Page - Samsung semiconductor KMM372F400CS Datasheet HTML 17Page - Samsung semiconductor KMM372F400CS Datasheet HTML 18Page - Samsung semiconductor KMM372F400CS Datasheet HTML 19Page - Samsung semiconductor KMM372F400CS Datasheet HTML 20Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
DRAM MODULE
KMM372F410CK/CS
KMM372F400CK/CS
CAS-BEFORE-RAS REFRESH COUNTER TEST CYCLE
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
COLUMN
ADDRESS
tRAS
tRSH
tCHR
tRAL
tCSR
tCPT
tRP
tCAS
tASC
tCAH
READ CYCLE
VOH -
VOL -
DATA-OUT
DQ
tREZ
tCLZ
WRITE CYCLE
VIH -
VIL -
DATA-IN
DQ
tDH
tDS
W
VIH -
VIL -
tWP
tCWD
tCWL
tRWL
READ-MODIFY-WRITE
tAWD
VIH -
VIL -
OE
tOEA
tAA
tCAC
tDS
tDH
VALID
DATA-OUT
VI/OH -
VI/OL -
DQ
Don
′t care
Undefined
VIH -
VIL -
OE
tOEA
tOEZ
OE
VIH -
VIL -
tRCS
tCLZ
tOEZ
tOED
tWRP
tWRH
tRRH
tRCH
tRCS
tCAC
tAA
VIH -
VIL -
W
tWRP
tWRH
tWCS
tWCH
tCWL
VIH -
VIL -
W
tWP
tRWL
tWRP
tWRH
VALID
DATA-IN
NOTE : This timing diagram is applied to all devices besides 64M DRAM based modules.
tCEZ
tWEZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com