Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMM372F400CS Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KMM372F400CS
Description  4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372F400CS Datasheet(HTML) 3 Page - Samsung semiconductor

  KMM372F400CS Datasheet HTML 1Page - Samsung semiconductor KMM372F400CS Datasheet HTML 2Page - Samsung semiconductor KMM372F400CS Datasheet HTML 3Page - Samsung semiconductor KMM372F400CS Datasheet HTML 4Page - Samsung semiconductor KMM372F400CS Datasheet HTML 5Page - Samsung semiconductor KMM372F400CS Datasheet HTML 6Page - Samsung semiconductor KMM372F400CS Datasheet HTML 7Page - Samsung semiconductor KMM372F400CS Datasheet HTML 8Page - Samsung semiconductor KMM372F400CS Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DRAM MODULE
KMM372F410CK/CS
KMM372F400CK/CS
ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1 and ICC3, address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one hyper page mode cycle,
tHPC.
* NOTE :
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
ICC1*
ICC2
ICC3*
ICC4*
ICC5
ICC6*
II(L)
IO(L)
VOH
VOL
Symbol
Speed
KMM372F400CK/CS
KMM372F410CK/CS
Unit
Min
Max
Min
Max
ICC1
-5
-6
-
-
1620
1440
-
-
1980
1800
mA
mA
ICC2
Don
′t care
-
100
-
100
mA
ICC3
-5
-6
-
-
1620
1440
-
-
1980
1800
mA
mA
ICC4
-5
-6
-
-
1440
1260
-
-
1620
1440
mA
mA
ICC5
Don
′t care
-
30
-
30
mA
ICC6
-5
-6
-
-
1620
1440
-
-
1980
1800
mA
mA
II(L)
IO(L)
Don
′t care
-45
-5
45
5
-45
-5
45
5
uA
uA
VOH
VOL
Don
′t care
2.4
-
-
0.4
2.4
-
-
0.4
V
V
: Operating Current * (RAS, CAS, Address cycling @
tRC=min)
: Standby Current (RAS=CAS=W=VIH)
: RAS Only Refresh Current * (CAS=VIH, RAS cycling @
tRC=min)
: EDO Mode Current * (RAS=VIL, CAS cycling :
tHPC=min)
: Standby Current (RAS=CAS=W=Vcc-0.2V)
: CAS-Before-RAS Refresh Current * (RAS and CAS cycling @
tRC=min)
: Input Leakage Current (Any input 0
≤VIN≤Vcc+0.3V, all other pins not under test=0 V)
: Output Leakage Current(Data Out is disabled, 0V
≤VOUT≤Vcc)
: Output High Voltage Level (IOH = -2mA)
: Output Low Voltage Level (IOL = 2mA)
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to VSS, TA = 0 to 70
°C)
*1 : VCC+1.3V/15ns, Pulse width is measured at VCC.
*2 : -1.3V/15ns, Pulse width is measured at VSS.
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
Ground
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
3.0
0
2.0
-0.3*2
3.3
0
-
-
3.6
0
VCC+0.3*1
0.8
V
V
V
V
ABSOLUTE MAXIMUM RATINGS *
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to
the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for intended
periods may affect device reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative VSS
Voltage on VCC supply relative to VSS
Storage Temperature
Power Dissipation
Short Circuit Output Current
VIN, VOUT
VCC
Tstg
PD
IOS
-0.5 to +4.6
-0.5 to +4.6
-55 to +125
18
50
V
V
°C
W
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com