Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMM372F400CS Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KMM372F400CS
Description  4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372F400CS Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KMM372F400CS Datasheet HTML 9Page - Samsung semiconductor KMM372F400CS Datasheet HTML 10Page - Samsung semiconductor KMM372F400CS Datasheet HTML 11Page - Samsung semiconductor KMM372F400CS Datasheet HTML 12Page - Samsung semiconductor KMM372F400CS Datasheet HTML 13Page - Samsung semiconductor KMM372F400CS Datasheet HTML 14Page - Samsung semiconductor KMM372F400CS Datasheet HTML 15Page - Samsung semiconductor KMM372F400CS Datasheet HTML 16Page - Samsung semiconductor KMM372F400CS Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DRAM MODULE
KMM372F410CK/CS
KMM372F400CK/CS
Don
′t care
HYPER PAGE READ-MODIFY-WRITE CYCLE
Undefined
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
OE
VIH -
VIL -
VI/OH -
VI/OL -
ROW
ADDR
tCSH
tRASP
tRP
tASR
tRAH
tRCD
tCP
tRAD
tCAH
tWP
tDH
COL.
ADDR
COL.
ADDR
tCAS
tCAS
tCRP
tASC
tCAH
tRAL
tRCS
tCWL
tCWD
tAWD
tRWD
tWP
tCWD
tAWD
tCWL
tRAC
tOEA
tCLZ
tOEZ
tCPWD
tOED
tASC
tCLZ
tOEA
tCAC
tAA
tDH
tOED
tRWL
tCRP
tDS
tOEZ
VALID
DATA-OUT
VALID
DATA-IN
VALID
DATA-OUT
VALID
DATA-IN
tDS
DQ
tRSH
tOLZ
tOLZ
tHPRWC
tCAC
tAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com