Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2958PCBA Datasheet(PDF) 15 Page - RF Micro Devices

Part # RF2958PCBA
Description  2.4GHz SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2958PCBA Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RF2958PCBA Datasheet HTML 11Page - RF Micro Devices RF2958PCBA Datasheet HTML 12Page - RF Micro Devices RF2958PCBA Datasheet HTML 13Page - RF Micro Devices RF2958PCBA Datasheet HTML 14Page - RF Micro Devices RF2958PCBA Datasheet HTML 15Page - RF Micro Devices RF2958PCBA Datasheet HTML 16Page - RF Micro Devices RF2958PCBA Datasheet HTML 17Page - RF Micro Devices RF2958PCBA Datasheet HTML 18Page - RF Micro Devices RF2958PCBA Datasheet HTML 19Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
11-277
RF2958
Rev A0 050209
RF PLL Register 7 (RFPLL4)-Address 00111
Calibration Register 8 (CAL1)-Address 01000
TXRX Register 9 (TXRX1)-Address 01001
Location
Bit Name
Default
Function
RFPLL4(17)
Reserved
0
Reserved, program to zero (0)
RFPLL4(16:8)
DN(8:0)
145 h
RF VCO KV Calibration, delta N value (signed 2’s complement)
DN=(deltaF/Fr)*256
RFPLL4(7:4)
CT_DEF(3:0)
7h
RF VCO Coarse Tuning Value
RFPLL4(3:0)
KV_DEF(3:0)
8h
RF VCO KV Calibration, default value
Location
Bit Name
Default
Function
CAL1(17:13)
TVCO(4:0)
0Fh
VCO1 Warm-up Time
TVCO1=(approximate warm-up time)x(Fr/32)
CAL1(12:8)
TLOCK(4:0)
07h
VCO1 Tuning Gain Calibration, approximate lock time
TLOCK1=(approximate lock time)x(Fr/128)
CAL1(7:3)
M_CT_VALUE
(4:0)
08h
VCO1 Coarse Tune Calibration Reference clock averaging time
M_CT_VALUE=(averaging time)x(Fr/32)
CAL1(2:0)
LD_WINDOW
(2:0)
2h
Lock Detect Resolution 0 through 7
Location
Bit Name
Default
Function
TXRX1(17)
RXDCFBBYPS
0
Receiver DC Removal Loop
0=Enable DC Removal Loop
1=Disable DC Removal Loop
TXRX1(16:15)
PCONTROL
(1:0)
00
00
External TXVGC Controls VGA
01
External TXVGC Controls VGA
10
Internal Control of VGA from Register TXVGC(4:0)
11
Internal Control of VGA from Power Control
TXRX1(14:10)
TXVGC(4:0)
00000
Transmit Variable Gain Select
0h-1Fh
High gain to low gain
TXRX1(9:7)
RXLPFBW
(2:0)
010
Receive Baseband Low Pass Filter Bandwidth Selection
000=Wide Bandwidth
111=Narrow Bandwidth
TXRX1(6:4)
TXLPFBW
(2:0)
010
Transmit Baseband Low Pass Filter Bandwidth Selection
000=Wide Bandwidth
111=Narrow Bandwidth
TXRX1(3)
TXDIFFMODE
0
Switches Between Single-Ended and Differential Mode
0=Single-ended mode
1=Differential mode
TXRX1(2)
TXENMODE
0
Input Buffer Enable TX
0=Input Buffer Controlled by TXEN
1=Input Buffer Controlled by BBEN
TXRX1(1)
INTBIASEN
0
Internal Bias Enable
0=Disabled - External Bias Required
1=Enabled - Internal Bias Enabled
TXRX1(0)
TXBYPASS
0
TX Baseband Filters Bypass
0=Not Bypassed
1=Bypassed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com