Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2958PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2958PCBA
Description  2.4GHz SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2958PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF2958PCBA Datasheet HTML 1Page - RF Micro Devices RF2958PCBA Datasheet HTML 2Page - RF Micro Devices RF2958PCBA Datasheet HTML 3Page - RF Micro Devices RF2958PCBA Datasheet HTML 4Page - RF Micro Devices RF2958PCBA Datasheet HTML 5Page - RF Micro Devices RF2958PCBA Datasheet HTML 6Page - RF Micro Devices RF2958PCBA Datasheet HTML 7Page - RF Micro Devices RF2958PCBA Datasheet HTML 8Page - RF Micro Devices RF2958PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
11-263
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
IF IN+
IF IN-
VCC IF
IF OUT+
IF OUT-
MODE0
MCLK
VCC PLL4
SDI
R BIAS
VCC RF2
VCC RF1
DIG REG
VREF
SCLK
SSB
3rd Order
Bes LPF
3rd Order
Bes LPF
3rd Order
Bes LPF
3rd Order
Bes LPF
IF Synth Analog
RF PLL
Voltage
Regulator
RX IF
Voltage
Regulator 1
RX IF
Voltage
Regulator 2
D/A
MUX
LC Trap
RF Synth Analog
RF PLL
Voltage
Regulator
Digital
Voltage
Regulator
SPI Serial Port
Frac-N Digital
P & R
11
31
30
29
28
27
26
25
1
32
2
3
6
7
8
5
4
12
13
14
15
16
22
23
24
17
21
20
19
18
9
10
RF2958
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
• IEEE 802.11b WLANs
• Wireless Residential Gateways
• Secure Communication Links
• High Speed Digital Links
• Wireless Security
• Digital Cordless Telephones
The RF2958 is a single-chip transceiver specifically
designed for IEEE 802.11b applications. The part
includes all required transceiver functions. The receiver
includes: an LNA and downconverter; complete synthe-
sizers and VCO’s; direct conversion from IF receiver with
variable gain control; quadrature demodulator; I/Q base-
band amplifiers; and, on-chip baseband filters. For the
transmit side, a QPSK modulator and upconverter are
provided along with the synthesizer, VCO, and PA driver.
A minimum number of external components are required,
resulting in an ultra-compact low-cost radio design. Two-
cell or regulated three-cell (3.6V maximum) battery appli-
cations are supported by the part. The RF2958 is also
part of a 2.4GHz chipset along with our high-efficiency
GaAs HBT PA and the RF3002 Baseband Processor.
• Complete IEEE802.11b Transceiver
including VCOs
• Small 32-pin Leadless Package
• Minimal External Components Required
• Low Receive Current
• High Performance Super-het Architecture
RF2958
2.4GHz Spread-Spectrum Transceiver
RF2958TR13
2.4GHz Spread-Spectrum Transceiver (Tape & Reel)
RF2958 PCBA
Fully Assembled Evaluation Board
0
Rev A0 050209
5.000
± 0.050
5.000
± 0.050
SEATING
PLANE
SCALE:
NONE
0.080 C
0.025
± 0.010
0.100
C
M
-C-
0.900
± 0.070
3.400
0.400
± 0.050 TYP
0.500
TYP
3.400
Shaded lead is pin 1.
Dimensions in mm.
Package Style: QFN, 32-Pin, 5x5


Similar Part No. - RF2958PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2908 RFMD-RF2908 Datasheet
534Kb / 18P
915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
More results

Similar Description - RF2958PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2938 RFMD-RF2938 Datasheet
528Kb / 20P
2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
logo
Zilog, Inc.
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
Spread-Spectrum Transceiver
logo
RF Micro Devices
RF2948B RFMD-RF2948B Datasheet
413Kb / 18P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
logo
Synaptics Incorporated.
RF109 CONEXANT-RF109 Datasheet
100Kb / 12P
2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
logo
List of Unclassifed Man...
XE900S ETC1-XE900S Datasheet
70Kb / 16P
Smart Spread Spectrum Transceiver
XE900SL10 ETC1-XE900SL10 Datasheet
72Kb / 16P
Miniature Spread Spectrum Transceiver
logo
RF Monolithics, Inc
DNT90CA RFM-DNT90CA Datasheet
192Kb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
List of Unclassifed Man...
TRW-24DSHI ETC2-TRW-24DSHI Datasheet
457Kb / 7P
2.4GHz Direct Sequence Spread Spectrum Hi Power Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
2.4GHz Direct Sequence Spread Spectrum RF Module
logo
Murata Manufacturing Co...
DNT900 MURATA-DNT900 Datasheet
1Mb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com