Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2958PCBA Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2958PCBA
Description  2.4GHz SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2958PCBA Datasheet(HTML) 4 Page - RF Micro Devices

  RF2958PCBA Datasheet HTML 1Page - RF Micro Devices RF2958PCBA Datasheet HTML 2Page - RF Micro Devices RF2958PCBA Datasheet HTML 3Page - RF Micro Devices RF2958PCBA Datasheet HTML 4Page - RF Micro Devices RF2958PCBA Datasheet HTML 5Page - RF Micro Devices RF2958PCBA Datasheet HTML 6Page - RF Micro Devices RF2958PCBA Datasheet HTML 7Page - RF Micro Devices RF2958PCBA Datasheet HTML 8Page - RF Micro Devices RF2958PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
11-266
RF2958
Rev A0 050209
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Digital Input
Specifications
Apply to pins: SSB, SDI, SCLK,
MODE0, MODE1
Input High Voltage (VIH)0.7VDD
V
Input Low Voltage (VIL)0.3VDD
V
Input High Static Current (IIH)5
µA
Input Low Static Current (IIL)5
µA
Reset Time
50
µs
Exiting Reset mode or using SPI Reset
Apply to pins: SSB, SDI, SCLK
Input Setup Time (TSU)*
5
ns
Input Hold Time (THLD)*
5
ns
Input Rise/Fall Time (TRFI)5
ns
Input Clock to Select Time (TCS)5
ns
Input Clock Pulse Width High
(TCWH)
22
ns
Input Clock Pulse Width Low
(TCWL)
22
ns
PLL Recalibration Pulse Width
(TRC)
1/fr
s
For fr=22MHz, TRC is 45.5ns minimum
Digital Driver Output
Apply to pin: SDI (output mode)
Output High Voltage (VOH)0.8VDD
V
With 1mA load
Output Low Voltage (VOL)0.2VDD
V
With 1mA load
Output Rise/Fall Time (TRFO)
5
ns
With 20pF maximum load capacitance mea-
sured from 10% to 90% of output voltage
Output Current Source (|IOH|)
3.8
mA
Output at (VDD-0.3V)
Output Current Sink (|IOL|)
10
mA
Output at 0.3V
MCLK Input (AC-Coupled)
MCLK can be driven DC-coupled by a
CMOS clock oscillator with rail-to-rail out-
puts. Other oscillator configurations may
require AC-coupling.
Apply to pin: MCLK
Peak-to-Peak Input Voltage
(VP-P)
500
mV
DC Bias at MCLK (MCLK_DC)
0.6
1.1
V
Specification Valid Range
Temperature
-30
+70
°C
Supply Voltage
2.7
3.0
3.6
V
Transmit Current
50
68
80
mA
MODE0=0, MODE1=1
Receive Current
30
52
60
mA
MODE0=1, MODE1=0
Idle Current
5
28
40
mA
MODE0=0, MODE1=0
Reset Current
1
2
mA
MODE0=1, MODE1=1
Hibernate Current
0.2
0.5
mA
*Setup and Hold Times are measured from the time where the waveforms cross VDD/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com