Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2958PCBA Datasheet(PDF) 17 Page - RF Micro Devices

Part # RF2958PCBA
Description  2.4GHz SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2958PCBA Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RF2958PCBA Datasheet HTML 12Page - RF Micro Devices RF2958PCBA Datasheet HTML 13Page - RF Micro Devices RF2958PCBA Datasheet HTML 14Page - RF Micro Devices RF2958PCBA Datasheet HTML 15Page - RF Micro Devices RF2958PCBA Datasheet HTML 16Page - RF Micro Devices RF2958PCBA Datasheet HTML 17Page - RF Micro Devices RF2958PCBA Datasheet HTML 18Page - RF Micro Devices RF2958PCBA Datasheet HTML 19Page - RF Micro Devices RF2958PCBA Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
11-279
RF2958
Rev A0 050209
TX/RX Baseband Filter Response
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1.00E+00
1.00E+01
1.00E+02
Frequency (MHz)
000
001
010
011
100
101
110
111
Demodulator Gain versus RXVGC versus Temperature
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
RXVGC (V)
Demodulator Gain vs. RXVGC @ -30°C
Demodulator Gain vs. RXVGC @ 25°C
Demodulator Gain vs. RXVGC @ 70°C
Demodulator Input V1dB versus Gain versus
Temperature
0.1
1.0
10.0
100.0
1000.0
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
Demodulator Voltage Gain (dB)
IV1dB vs. Gain @ -30°C
IV1dB vs. Gain @ 25°C
IV1dB vs. Gain @ 70°C
Output V1dB versus Gain versus Temperature
100.0
1000.0
10000.0
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
Demodulator Voltage Gain (dB)
OV1dB vs. Gain @ -30°C
OV1dB vs. Gain @ 25°C
OV1dB vs. Gain @ 70°C
Demodulator Magnitude and Phase Error
-2.00
-1.80
-1.60
-1.40
-1.20
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
-12.0 -10.0 -8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0 12.0
Baseband Frequency (Hz)
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
Phase Error vs. Frequency
Magnitude Error vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com