Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2958PCBA Datasheet(PDF) 18 Page - RF Micro Devices

Part # RF2958PCBA
Description  2.4GHz SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2958PCBA Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RF2958PCBA Datasheet HTML 12Page - RF Micro Devices RF2958PCBA Datasheet HTML 13Page - RF Micro Devices RF2958PCBA Datasheet HTML 14Page - RF Micro Devices RF2958PCBA Datasheet HTML 15Page - RF Micro Devices RF2958PCBA Datasheet HTML 16Page - RF Micro Devices RF2958PCBA Datasheet HTML 17Page - RF Micro Devices RF2958PCBA Datasheet HTML 18Page - RF Micro Devices RF2958PCBA Datasheet HTML 19Page - RF Micro Devices RF2958PCBA Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
11-280
RF2958
Rev A0 050209
Upconverter Gain versus Digital TXVGC
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
TXVGC Value
Upconverter Gain vs. TXVGC @ -30°C
Upconverter Gain vs. TXVGC @ 25°C
Upconverter Gain vs. TXVGC @ 70°C
Upconverter P1dB versus Analog TXVGC
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
TXVGC (V)
Upconverter Output P1dB vs. TXVGC
@ -30°C
Upconverter Output P1dB vs. TXVGC
@ 25°C
Upconverter Output P1dB vs. TXVGC
@ 70°C
Upconverter P1dB versus Digital TXVGC
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
TXVGC Value
Upconverter Output P1dB vs. TXVGC @ -30°C
Upconverter Output P1dB vs. TXVGC @ 25°C
Upconverter Output P1dB vs. TXVGC @ 70°C
Modulator Magnitude Error and Image Suppression
31.50
32.00
32.50
33.00
33.50
34.00
34.50
35.00
35.50
36.00
36.50
-12.0 -10.0 -8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0 12.0
Baseband Frequency (MHz)
-0.15
-0.10
-0.05
0.00
0.05
0.10
Image Suprression vs. Frequency
Magnitude Error vs. Frequency
Upconverter Gain versus Analog TXVGC
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.50.7
0.91.1
1.31.5
1.71.9
2.1
2.3
2.5
TXVGC (V)
Upconverter Gain vs. TXVGC @ -30°C
Upconverter Gain vs. TXVGC @ 25°C
Upconverter Gain vs. TXVGC @ 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com