Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMM-3738-VM1010-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # PMM-3738-VM1010-R
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone with Wake on Sound Feature
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

PMM-3738-VM1010-R Datasheet(HTML) 3 Page - PUI audio inc.

  PMM-3738-VM1010-R Datasheet HTML 1Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 2Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 3Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 4Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 5Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 6Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 7Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 8Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 9Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Preliminary
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Normal Mode Electrical Specifications
Supply Voltage
VDD
1.6
1.8
3.6
V
Supply Current
VDD ≤ 1.8 V, Mode Normal
83
100
μA
Power Supply
Rejection Ratio
PSRR
VDD = 1.8, 1kHz, 200mVPP
Sine wave
-56
dB
Power Supply
Rejection
PSR
VDD = 1.8, 217Hz, 100mVPP
square wave, 20 Hz – 20kHz,
A-weighted
-87
dB(A)
Output Impedance
ZOUT
1000
Ω
Output DC Offset
0.75
V
Wake on Sound Mode Electrical Specifications
Supply Voltage
VDD
1.6
1.8
3.6
V
Supply Current
VDD ≤ 1.8 V, Mode WoS
7
10
14
μA
Digital Electrical Interface Specifications
Logic Input High
0.65*VDD
3.6
V
Logic Input Low
-0.3
0.35*VDD
V
Logic Output High
ILoad = 2mA
0.7*VDD
VDD
V
Logic Output Low
ILoad = 2mA
0
0.3*VDD
V
Driving Capability
100
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com