Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMM-3738-VM1010-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # PMM-3738-VM1010-R
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone with Wake on Sound Feature
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

PMM-3738-VM1010-R Datasheet(HTML) 1 Page - PUI audio inc.

  PMM-3738-VM1010-R Datasheet HTML 1Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 2Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 3Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 4Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 5Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 6Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 7Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 8Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 9Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Low-Noise Bottom Port
Piezoelectric MEMS Microphone
with Wake on Sound Feature
Data Sheet
PMM-3738-VM1010-R
PUI Audio, with Vesper’s exclusive technology, presents the PMM-3738-VM1010-R:
The world’s first ZeroPower Listening™ piezoelectric MEMS microphone designed
for ultra-low power always listening solution; delivering voice activation to battery-
powered devices.
Features:
•
ZeroPower Listening™ technology
•
Full audio output on wake-up
•
Capable of voice detection with just 18 µW
operating power
•
Extends Battery life up to 10x
•
Dust and moisture resistant (IP test results
pending)
The PMM-3738-VM1010-R is a single-ended
analog MEMS microphone with Wake on Sound.
The Wake on Sound mode allows for detection of
voice activity while consuming only 5 µA of supply
current (9 µW of power). In Wake on Sound mode,
a sound in the vocal band above the level threshold
instantly alerts a processor of an acoustic event.
The processor (DSP or Voice Processor) then
switches the PMM-3738-VM1010-R into Normal
mode, with full audio output within 100
microseconds! Fast enough for the microphone to
capture the triggering sound and pass it along for
processing. This is the system architecture for
ZeroPower Listening™.
Wake on Sound delivers voice activation to battery-
powered voice-interface consumer devices—while
drawing nearly zero power—such as smart
speakers, smart TV remote controls, smart
headphones, and IoT smart home products.


Similar Part No. - PMM-3738-VM1010-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
PMM-3738-VM1000-R PUIAUDIO-PMM-3738-VM1000-R Datasheet
780Kb / 7P
Low-Noise Bottom Port Piezoelectric MEMS Microphone
More results

Similar Description - PMM-3738-VM1010-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP33AB01H STMICROELECTRONICS-MP33AB01H Datasheet
459Kb / 13P
MEMS audio surface-mount bottom-port silicon microphone with analog output
10-Oct-2013
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
Miniature Bottom Port Analog MEMS Microphone
logo
TDK Electronics
ICS-40180 TDK-ICS-40180 Datasheet
407Kb / 14P
Hardened, Low-Noise Microphone with Bottom Port and Analog Output
INMP504 TDK-INMP504 Datasheet
395Kb / 13P
Ultra-Low Noise Microphone with Bottom Port and Analog Output
INMP521 TDK-INMP521 Datasheet
466Kb / 20P
Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
UG-118 TDK-UG-118 Datasheet
150Kb / 2P
Bottom Port Digital MEMS Microphone Evaluation Board
UG-126 TDK-UG-126 Datasheet
140Kb / 2P
Bottom Port Analog MEMS Microphone Evaluation Board
logo
PUI audio inc.
PMM-3738-VM1000-R PUIAUDIO-PMM-3738-VM1000-R Datasheet
780Kb / 7P
Low-Noise Bottom Port Piezoelectric MEMS Microphone
logo
List of Unclassifed Man...
VM1010 ETC-VM1010 Datasheet
705Kb / 11P
Low-Noise Bottom Port Piezoelectric MEMS Microphone With Wake on Sound Feature
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com