Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMM-3738-VM1010-R Datasheet(PDF) 4 Page - PUI audio inc.

Part # PMM-3738-VM1010-R
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone with Wake on Sound Feature
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

PMM-3738-VM1010-R Datasheet(HTML) 4 Page - PUI audio inc.

  PMM-3738-VM1010-R Datasheet HTML 1Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 2Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 3Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 4Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 5Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 6Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 7Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 8Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 9Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Absolute Maximum Ratings
Parameter
Maximum
Units
Supply Voltage
3.6
V
Sound Pressure Level
160
dB re 20 μPa
Temperature Range
-40 to +85
°C
Storage Temperature Range
-50 to +150
°C
Frequency Response (Normal Mode)
Environmental Robustness
IP adherence is evaluated by 1 kHz Sensitivity spec post stress
Ingress Protection Type
Description
Dust Resistance
IP5X
Microphone Modes
mode pin
Mic mode
Idd, typ. (µA) Vout pin
dout pin
high
Wake-on-Sound
10
GND
Low, then latches high
after first wake-up
event
low or
floating
Normal-Power
83
audio
output
Tied to GND through low
impedance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com