Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMM-3738-VM1010-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # PMM-3738-VM1010-R
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone with Wake on Sound Feature
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

PMM-3738-VM1010-R Datasheet(HTML) 2 Page - PUI audio inc.

  PMM-3738-VM1010-R Datasheet HTML 1Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 2Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 3Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 4Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 5Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 6Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 7Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 8Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 9Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Preliminary
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Specifications
All specifications are at 25°C, VSupply = 1.8 V unless otherwise noted.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Normal Mode Acoustic Specifications
Sensitivity
1 kHz, 94 dB SPL
-41
-38
-35
dBV
Signal-to-Noise
Ratio
SNR
94 dB SPL at 1 kHz signal,
60
dB(A)
20 Hz – 20 kHz, A-weighted
Noise
Signal-to Noise
Ratio Voice Band
SNR
94 dB SPL at 1 kHz signal,
62
dB(A)
20 Hz – 8 kHz, A-weighted
Total Harmonic
Distortion
THD
94 dB SPL
0.1
%
Acoustic Overload
Point
AOP
10.0% THD
124
dB SPL
Roll Off Frequency
-3db at 1 kHz
100
Hz
Directivity
Omni
Wake on Sound Acoustic Specifications
(on material Date Code 1811 and higher)
Max Acoustic
Threshold
(default)
PaTH
Rg = Open
89 dB
SPL
Mid Acoustic
Threshold
PaTH
Rg = 90 kOhm
77 dB
SPL
Min Acoustic
Threshold
PaTH
Rg = 18 kOhm
65 dB
SPL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com