Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMM-3738-VM1010-R Datasheet(PDF) 5 Page - PUI audio inc.

Part # PMM-3738-VM1010-R
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone with Wake on Sound Feature
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

PMM-3738-VM1010-R Datasheet(HTML) 5 Page - PUI audio inc.

  PMM-3738-VM1010-R Datasheet HTML 1Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 2Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 3Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 4Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 5Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 6Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 7Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 8Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 9Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Preliminary
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Microphone
Operation
The PMM-3738-VM1010-R is a user-controlled, multi-mode microphone. Through the single
bit digital input pin mode, the user provides a signal that will put the microphone into Wake on Sound or
Normal modes of operation. When in the Wake on Sound mode, should a sound be detected, the
microphone will output a digital high through the dout pin. The user can then switch the microphone to
Normal mode by providing a digital low to the mode pin. The user would at some later point, provide a
digital high to the mode pin to return the microphone to Wake on Sound mode. Figure 2 shows the states
of various pins that are either user provided (mode, Vdd) or PMM-3738-VM1010-R provided (dout, Vout)
at three points of operation.
Figure 2: Timing diagrams showing turn-on time (left), transition time
into Wake on Sound mode (center) & Normal mode (right)
It is recommend topowerup the microphone in Normal mode (mode pin low), and then enter into
WoS mode as needed.
Product Revision Technical Update
The PMM-3738-VM1010-R has been updated with a wider Wake on Sound range, on parts date
code 1811 and higher, giving designers more configurability in the acoustic threshold and
allowing for ZeroPower Listening to be used in more applications. Previously, this range was from
65 to 78 dB SPL. On parts date code 1811 and higher, this range has been extended from 65 dB to
89 dB SPL.
To accommodate this change, users simply need to change the Rg (GA1 to GA21 external resistor)
value. See the table below for the value of Rg to use to configure the turn-on threshold.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com