Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258EX Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6258EX
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6258EX Datasheet HTML 6Page - STMicroelectronics L6258EX Datasheet HTML 7Page - STMicroelectronics L6258EX Datasheet HTML 8Page - STMicroelectronics L6258EX Datasheet HTML 9Page - STMicroelectronics L6258EX Datasheet HTML 10Page - STMicroelectronics L6258EX Datasheet HTML 11Page - STMicroelectronics L6258EX Datasheet HTML 12Page - STMicroelectronics L6258EX Datasheet HTML 13Page - STMicroelectronics L6258EX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
L6258E
10/24
Figure 7. Output comparator waveforms
In the case of VDAC equal to zero, the transconductance loop is balanced at the value of Vr, so the outputs of
the two comparators are signals having the same phase and 50% of duty cycle .
As we have already mentioned, in this situation, the two outputs OUT_A and OUT_B are simultaneously driven
from Vs to ground ; and the differential voltage across the load in this case is zero and no current flows in the
motor winding.
With a positive differential voltage on VDAC (see Fig 6, the transconductance loop will be positively unbalanced
respected Vr.
In this case being the error amplifier output voltage greater than Vr, the output of the first comparator is a square
wave with a duty cycle higher than 50%, while the output of the second comparator is a square wave with a duty
cycle lower than 50%.
The variation in duty cycle obtained at the outputs of the two comparators is the same, but one is positive and
the other is negative with respect to the 50% level.
The two driving signals, generated in this case, drive the two outputs in such a way to have switched current
flowing from OUT_A through the motor winding to OUT_B.
With a negative differential voltage VDAC, the transconductance loop will be negatively unbalanced respected Vr.
In this case the output of the first comparator is a square wave with a duty cycle lower than 50%, while the output
of the second comparator is a square wave with a duty cycle higher than 50%.
The variation in the duty cycle obtained at the outputs of the two comparators is always of the same.
The two driving signals, generated in this case, drive the the two outputs in order to have the switched current
flowing from OUT_B through the motor winding to OUT_A.
3.7 Current Control Loop Compensation
In order to have a flexible system able to drive motors with different electrical characteristics, the non inverting
input and the output of the error amplifier ( EA_OUT ) are available.
Connecting at these pins an external RC compensation network it is possible to adjust the gain and the band-
width of the current control loop.
Tri_0
Tri_180
Error Ampl.
Output
First Comp.
Output
Second Comp.
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com