Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258EX Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6258EX
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6258EX Datasheet HTML 7Page - STMicroelectronics L6258EX Datasheet HTML 8Page - STMicroelectronics L6258EX Datasheet HTML 9Page - STMicroelectronics L6258EX Datasheet HTML 10Page - STMicroelectronics L6258EX Datasheet HTML 11Page - STMicroelectronics L6258EX Datasheet HTML 12Page - STMicroelectronics L6258EX Datasheet HTML 13Page - STMicroelectronics L6258EX Datasheet HTML 14Page - STMicroelectronics L6258EX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/24
L6258E
4
PWM CURRENT CONTROL LOOP
4.1 Open Loop Transfer Function Analysis
Block diagram : refer to Fig. 6.
Table 7. Application data:
these data refer to a typical application, and will be used as an example during the analysis of the stability of the
current control loop.
The block diagram shows the schematics of the L6258E internal current control loop working in PWM mode; the
current into the load is a function of the input control voltage VDAC , and the relation between the two variables
is given by the following formula:
Iload · RS · GS = VDAC · Gin
where:
VDAC
is the control voltage defining the load current value
Gin
is the gain of the input transconductance amplifier ( 1/Ra )
Gs
is the gain of the sense transconductance amplifier ( 1/Rb )
Rs
is the resistor connected in series to the output to sense the load current
In this configuration the input voltage is compared with the feedback voltage coming from the sense resistor,
then the difference between this two signals is amplified by the error amplifier in order to have an error signal
controlling the duty cycle of the output stage keeping the load current under control.
It is clear that to have a good performance of the current control loop, the error amplifier must have an high DC
gain and a large bandwidth .
Gain and bandwidth must be chosen depending on many parameters of the application, like the characteristics
of the load, power supply etc..., and most important is the stability of the system that must always be guaran-
teed.
To have a very flexible system and to have the possibility to adapt the system to any application, the error am-
plifier must be compensated using an RC network connected between the output and the negative input of the
same.
For the evaluation of the stability of the system, we have to consider the open loop gain of the current control
loop:
VS = 24V
Gs transconductance gain = 1/Rb
LL = 12mH
Gin transconductance gain = 1/Ra
RL = 12Ω
Ampl. of the Tria_0_180 ref. = 1.6V (peak to peak)
RS = 0.33Ω
Ra = 40KΩ
RC = to be calculated
Rb = 20KΩ
CC = to be calculated
Vr = Internal reference equal to VDD/2 (Typ. 2.5V)
I
LOAD
R
S
1
R
b
-------
⋅⋅
V
DAC
1
R
a
-------
⋅
=
I
LOAD
V
DAC
R
b
R
a
R
s
⋅
------------------
⋅
0.5
V
DAC
R
S
--------------- A
()
⋅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com