Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258EX Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6258EX
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6258EX Datasheet HTML 10Page - STMicroelectronics L6258EX Datasheet HTML 11Page - STMicroelectronics L6258EX Datasheet HTML 12Page - STMicroelectronics L6258EX Datasheet HTML 13Page - STMicroelectronics L6258EX Datasheet HTML 14Page - STMicroelectronics L6258EX Datasheet HTML 15Page - STMicroelectronics L6258EX Datasheet HTML 16Page - STMicroelectronics L6258EX Datasheet HTML 17Page - STMicroelectronics L6258EX Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
L6258E
14/24
order to increment the total open loop gain increasing the bandwidth too.
4.4 Error Amplifier and Sense Amplifier
As explained before the gain of these two blocks is :
BxdB = ACerrdB + ACsensedB
Being the voltage across the sense resistor the input of the Bx block and the error amplifier voltage the output
of the same, the voltage gain is given by :
Verr_out = -(ic · Zc) so ic = -(Verr_out ·
)
because ib = icwe have:
Vsense ·
= -(Verr_out ·
)
In the case of no external RC network is used to compensate the error amplifier, the typical open loop transfer
function of the error plus the sense amplifier is something with a gain around 80dB and a unity gain bandwidth
at 400kHz. In this case the situation of the total transfer function Aloop, given by the sum of the AxdB and BxdB
is :
Figure 9.
The BODE diagram shows together the error amplifier open loop transfer function, the Ax function and the re-
sultant total Aloop given by the following equation :
AloopdB = AxdB + BxdB
The total Aloop has an high DC gain of 78.1dB with a bandwidth of 15KHz, but the problem in this case is the
stability of the system; in fact the total Aloop cross the zero dB axis with a slope of -40dB/decade.
Now it is necessary to compensate the error amplifier in order to obtain a total Aloop with an high DC gain and
a large bandwidth. Aloop must have enough phase margin to guarantee the stability of the system.
A method to reach the stability of the system, using the RC network showed in the block diagram, is to cancel
the load pole with the zero given by the compensation of the error amplifier.
ib
Vsense Gs
⋅
Vsense
1
Rb
--------
⋅
==
1
Zc
-------
1
Rb
--------
1
Zc
-------
Bx
Verr_out
Vsense
------------------------
–
Zc
Rb
--------
–
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com