Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258EX Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6258EX
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6258EX Datasheet HTML 8Page - STMicroelectronics L6258EX Datasheet HTML 9Page - STMicroelectronics L6258EX Datasheet HTML 10Page - STMicroelectronics L6258EX Datasheet HTML 11Page - STMicroelectronics L6258EX Datasheet HTML 12Page - STMicroelectronics L6258EX Datasheet HTML 13Page - STMicroelectronics L6258EX Datasheet HTML 14Page - STMicroelectronics L6258EX Datasheet HTML 15Page - STMicroelectronics L6258EX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
L6258E
12/24
Aloop = ACerr · ACpw · ACload · ACsense
where AC... is the gain of the blocks that refers to the error, power and sense amplifier plus the attenuation of
the load block.
The same formula in dB can be written in this way:
AloopdB = ACerrdB + ACpwdB + ACloaddB + ACsensedB
So now we can start to analyse the dynamic characteristics of each single block, with particular attention to the
error amplifier.
4.2 Power Amplifier
The power amplifier is not a linear amplifier, but is a circuit driving in PWM mode the output stage in full bridge
configuration.
The output duty cycle variation is given by the comparison between the voltage of the error amplifier and two
triangular wave references Tri_0 and Tri_180. Because all the current control loop is referred to the Vr refer-
ence, the result is that when the output voltage of the error amplifier is equal to the Vr voltage the two output
Out_A and Out_B have the same phase and duty cycle at 50%; increasing the output voltage of the error am-
plifier above the Vr voltage, the duty cycle of the Out_A increases and the duty cycle of the Out_B decreases
of the same percentage; on the contrary decreasing the voltage of the error amplifier below the Vr voltage, the
duty cycle of the Out_A decreases and the duty cycle of the Out_B increases of the same percentage.
The gain of this block is defined by the amplitude of the two triangular wave references; more precisely the gain
of the power amplifier block is a reversed proportion of the amplitude of the two references.
In fact a variation of the error amplifier output voltage produces a larger variation in duty cycle of the two outputs
Out_A and Out_B in case of low amplitude of the two triangular wave references.
The duty cycle has the max value of 100% when the input voltage is equal to the amplitude of the two triangular
references.
The transfer function of this block consist in the relation between the output duty cycle and the amplitude of the
triangular references.
Vout = 2 · VS · (0.5 - DutyCycle)
Moreover, having the two references Tri_0 and Tri_180 a triangular shape it is clear that the transfer function of
this block is a linear constant gain without poles and zeros.
4.3 Load Attenuation
The load block is composed by the equivalent circuit of the motor winding (resistance and inductance) plus the
sense resistor.
We will considered the effect of the Bemf voltage of the motor in the next chapter.
The input of this block is the PWM voltage of the power amplifier and as output we have the voltage across the
sense resistor produced by the current flowing into the motor winding. The relation between the two variable is :
ACpw
dB
20
V
out
∆
V
in
∆
---------------
log
⋅
2V
S
⋅
Triangular Amplitude
-------------------------------------------------------
==
ACpw
dB
10
224
⋅
1.6
--------------
log
⋅
29.5dB
==
V
sense
V
out
R
L
R
S
+
--------------------- R
S
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com