Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258EX Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6258EX
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6258EX Datasheet HTML 11Page - STMicroelectronics L6258EX Datasheet HTML 12Page - STMicroelectronics L6258EX Datasheet HTML 13Page - STMicroelectronics L6258EX Datasheet HTML 14Page - STMicroelectronics L6258EX Datasheet HTML 15Page - STMicroelectronics L6258EX Datasheet HTML 16Page - STMicroelectronics L6258EX Datasheet HTML 17Page - STMicroelectronics L6258EX Datasheet HTML 18Page - STMicroelectronics L6258EX Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15/24
L6258E
The transfer function of the Bx block with the compensation on the error amplifier is :
In this case the Bx block has a DC gain equal to the open loop and equal to zero at a frequency given by the
following formula:
In order to cancel the pole of the load, the zero of the Bx block must be located at the same frequency of 163Hz;
so now we have to find a compromise between the resistor and the capacitor of the compensation network.
Considering that the resistor value defines the gain of the Bx block at the zero frequency, it is clear that this
parameter will influence the total bandwidth of the system because, annulling the load pole with the error am-
plifier zero, the slope of the total transfer function is -20dB/decade.
So the resistor value must be chosen in order to have an error amplifier gain enough to guarantee a desired
total bandwidth .
In our example we fix at 35dB the gain of the Bx block at zero frequency, so from the formula:
where: Rb = 20k
Ω
we have: Rc = 1.1M
Ω
Therefore we have the zero with a 163Hz the capacitor value :
Now we have to analyse how the new Aloop transfer function with a compensation network on the error amplifier
is.
The following bode diagram shows :
– the Ax function showing the position of the load pole
– the open loop transfer function of the Bx block
– the transfer function of the Bx with the RC compensation network on the error amplifier
– the total Aloop transfer function that is the sum of the Ax function plus the transfer function of the com-
pensated Bx block.
Bx
Zc
Rb
--------
–
Rc
j
1
2
π fCc
⋅⋅
-------------------------
–
Rb
-----------------------------------------
–
==
Fzero
1
2
π Rc Cc
⋅⋅
-------------------------------
=
Bx_gain
@ zero freq.
20
Rc
Rb
--------
log
⋅
=
Cc
1
2
π Fzero Rc
⋅
⋅
-----------------------------------------
1
6.28 163 1.1 10
6
–
⋅⋅
⋅
-------------------------------------------------------
880pF
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com