Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9883 Datasheet(PDF) 7 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 7 Page - Intel Corporation

Back Button 9883 Datasheet HTML 3Page - Intel Corporation 9883 Datasheet HTML 4Page - Intel Corporation 9883 Datasheet HTML 5Page - Intel Corporation 9883 Datasheet HTML 6Page - Intel Corporation 9883 Datasheet HTML 7Page - Intel Corporation 9883 Datasheet HTML 8Page - Intel Corporation 9883 Datasheet HTML 9Page - Intel Corporation 9883 Datasheet HTML 10Page - Intel Corporation 9883 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
7
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
1.0
Block Diagram
Figure 1. LXT98x3 Block Diagram
10BASE-T
Repeater
100BASE-X
Repeater
Serial LED
Drivers
10/100 PHY 1
10 Mbps
Backplane
100 Mbps
Backplane
10M IRB
100M IRB
Port & Mgmt
Status Indicators
TX_I/O
10/100 PHY 2
TX_I/O
10/100 PHY 3
TX_I/O
10/100 PHY 4
TX_I/O
10/100 PHY 5
TX_I/O
10/100 PHY 6
TX_I/O
10/100 PHY 7
TX_I/O
10/100 PHY 8
TX_I/O
MII 1
MII_I/O
MII 2
MII_I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com