Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9883 Datasheet(PDF) 36 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 36 Page - Intel Corporation

Back Button 9883 Datasheet HTML 32Page - Intel Corporation 9883 Datasheet HTML 33Page - Intel Corporation 9883 Datasheet HTML 34Page - Intel Corporation 9883 Datasheet HTML 35Page - Intel Corporation 9883 Datasheet HTML 36Page - Intel Corporation 9883 Datasheet HTML 37Page - Intel Corporation 9883 Datasheet HTML 38Page - Intel Corporation 9883 Datasheet HTML 39Page - Intel Corporation 9883 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
36
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
4.2.7
Twisted-Pair Interface
The LXT98x3 transmitter uses standard 1:1 magnetics for both receive and transmit. Nonetheless,
system designers should take precautions to minimize parasitic shunt capacitance and meet return
loss specifications. These steps include:
• Place magnetics as close as possible to the LXT98x3.
• Keep transmit pair traces short.
• Do not route transmit pair adjacent to a ground plane. Eliminate planes under the transmit
traces completely. Otherwise, keep planes 3-4 layers away.
• Improve EMI performance by filtering the output center tap supply. A single ferrite bead may
be used in the center tap supply to all ports. All ports draw a combined total of > 1000 mA, so
the bead should be rated at > 1500 mA.
• Place the 270pF 5% capacitors at TPIP and TPIN to improve the signal-to-noise immunity at
the receiver.
In addition, follow all the standard guidelines for a twisted-pair interface:
• Route the signal pairs differentially, close together. Allow nothing to come between them.
• Keep distances as short as possible; both traces should have the same length.
• Avoid vias and layer changes.
• Keep the transmit and receive pairs apart to avoid cross-talk.
• To provide maximum isolation, place entire receive termination network on one side and
transmit on the other side of the PCB.
• Bypass common-mode noise to ground on the in-board side of the magnetics using 0.01
µF
capacitors.
• Keep termination circuits grouped closely together and on the same side of the board.
• Always put termination circuits close to the source end of any circuit.
4.2.7.1
Magnetics Information
The LXT98x3 requires a 1:1 ratio for the receive transformers and a 1:1 ratio for the transmit
transformers. The transformer isolation voltage should be rated at 2kV to protect the circuitry from
static voltages across the connectors and cables. Refer to Table 17 for magnetics specifications.
Table 17. LXT98x3 Magnetics Specifications
Parameter
Min
Nom
Max
Units
Test Condition
Rx turns ratio
–
1 : 1
––
Tx turns ratio
–
1 : 1
––
Insertion loss
0.0
–
1.1
dB
80 MHz
Primary inductance
350
––
µH
Transformer isolation
–
2
–
kV
Differential to common mode rejection
-40
––
dB
.1 to 60 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com