Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9883 Datasheet(PDF) 13 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 9883 Datasheet HTML 9Page - Intel Corporation 9883 Datasheet HTML 10Page - Intel Corporation 9883 Datasheet HTML 11Page - Intel Corporation 9883 Datasheet HTML 12Page - Intel Corporation 9883 Datasheet HTML 13Page - Intel Corporation 9883 Datasheet HTML 14Page - Intel Corporation 9883 Datasheet HTML 15Page - Intel Corporation 9883 Datasheet HTML 16Page - Intel Corporation 9883 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
13
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Table 4.
Twisted-Pair Port Signal Descriptions
Pin
Symbol
Type1
Description
107, 108
111, 110
121, 122
125, 124
136, 137
140, 139
150, 151
154, 153
TPOP1, TPON1
TPOP2, TPON2
TPOP3, TPON3
TPOP4, TPON4
TPOP5, TPON5
TPOP6, TPON6
TPOP7, TPON7
TPOP8, TPON8
Caution: AO
Twisted-Pair Outputs - Ports 1 through 8. These pins are the positive and
negative outputs from the respective ports’ twisted-pair line drivers. For unused
ports, these pins can be left open.
104, 105
115, 114
118, 119
129, 128
132, 133
143, 142
146, 147
157, 156
TPIP1, TPIN1
TPIP2, TPIN2
TPIP3, TPIN3
TPIP4, TPIN4
TPIP5, TPIN5
TPIP6, TPIN6
TPIP7, TPIN7
TPIP8, TPIN8
Caution: AI
Twisted-Pair Inputs - Ports 1 through 8. These pins are the positive and
negative inputs to the respective ports’ twisted-pair receivers.
For unused ports, tie together with 100
Ω resistors and float.
160
159
TxSLEW_1
TxSLEW_0
I
PD
Tx Output Slew Controls 0 and 1. These pins select the TX output slew rate
(rise and fall time) as follows:
TxSLEW_1
TxSLEW_0
Slew Rate (Rise and Fall Time)
0
0
2.5 ns
0
1
3.1 ns
1
0
3.7 ns
1
1
4.3 ns
1. I = Input, O = Output, I/O = Input/Output, D = Digital, A = Analog, AI = Analog Input, AO = Analog Output, A I/O = Analog
Input/Output,
OD = Open Drain,
OS = Open Source, PD = Pull Down, PU = Pull Up.
NC = No Clamp. Pad does not clamp input in the absence of power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com