Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9883 Datasheet(PDF) 30 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 9883 Datasheet HTML 26Page - Intel Corporation 9883 Datasheet HTML 27Page - Intel Corporation 9883 Datasheet HTML 28Page - Intel Corporation 9883 Datasheet HTML 29Page - Intel Corporation 9883 Datasheet HTML 30Page - Intel Corporation 9883 Datasheet HTML 31Page - Intel Corporation 9883 Datasheet HTML 32Page - Intel Corporation 9883 Datasheet HTML 33Page - Intel Corporation 9883 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
30
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Figure 8. IRB Block Diagram
Table 15. Cascading and Stacking Connections
Signal Type
Connections Between Devices
(Cascading)
Connections Between Boards
(Stacking)
Local
Connect all.
Do not connect.
Stack
For devices with FPS = 0, pull-up at each device
and do not interconnect.
Connect devices with FPS = 0 between boards.
Use one pull-up resistor per stack.
Full
Connect all.
Connect using buffers.
Digital IRB signals include IRnDAT, IRnCOL, IR10COLBP, IRnENA and IRnCLK.
Local Analog IRB signal: IRnCFS.
Inter-Board Analog IRB signal: IRnCFSBP.
This diagram shows a single IRB. The LXT98x3 actually has two independent IRBs, one per speed/segment.
’245
FPS = 0
FPS = 1
FPS = 1
Hub Board 1
Digital IRB Signals
Analog IRB Signals
IRDEN
HOLDCOL
’245
FPS = 0
FPS = 1
FPS = 1
Hub Board 2
Digital IRB Signals
Analog IRB Signals
IRDEN
HOLDCOL
’245
FPS = 0
FPS = 1
FPS = 1
Hub Board n
Digital IRB Signals
Analog IRB Signals
IRDEN
HOLDCOL
HOLDCOL is used on the 10Mbps IRB Only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com