Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9883 Datasheet(PDF) 14 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 14 Page - Intel Corporation

Back Button 9883 Datasheet HTML 10Page - Intel Corporation 9883 Datasheet HTML 11Page - Intel Corporation 9883 Datasheet HTML 12Page - Intel Corporation 9883 Datasheet HTML 13Page - Intel Corporation 9883 Datasheet HTML 14Page - Intel Corporation 9883 Datasheet HTML 15Page - Intel Corporation 9883 Datasheet HTML 16Page - Intel Corporation 9883 Datasheet HTML 17Page - Intel Corporation 9883 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
14
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Table 5.
LED Signal Descriptions
Pin
Symbol
Type
1, 2
Description
184
185
LEDSEL0
LEDSEL1
I3
O - OD/OS
LED Mode Select - Input. See Note 3 in footer below.
00 = Mode 1, 01 = Mode 2, 10 = Mode 3, 11 = Mode 4
These pins are shared with the LEDACT100, LEDCOL10 outputs.
175
LEDABGSEL
I
3
O - OD/OS
LED Activity Bar Graph Mode Select - Input. See Note 2 in footer below.
0 = Base-10 Mode, 1 = Base-2 Mode
Refer to "Activity Graph LEDs” on page 23.
This pin is shared with the Port8_LED2 output.
183
AUTOBLINK
I
3
O - OD/OS
LED Blink Mode Select - Input. See Note 3 in footer below.
0 = Auto blink on, 1 = Auto blink off
This pin is shared with the LEDACT100, LEDCOL10 outputs.
83
LEDDAT
O
LED Data. Serial data stream that is shifted into external Serial-to-Parallel
LED drivers. See"Serial LED Interface” on page 22..
84
LEDLAT
O
LED Latch. Parallel load clock for external Serial-to-Parallel LED drivers.
See "Serial LED Interface” on page 22..
82
LEDCLK
O
LED Clock. Serial data stream clock for external Serial-to-Parallel LED
drivers. See "Serial LED Interface” on page 22..
176
171
167
163
101
97
93
89
PORT8_LED1
PORT7_LED1
PORT6_LED1
PORT5_LED1
PORT4_LED1
PORT3_LED1
PORT2_LED1
PORT1_LED1
O
OD
LED Driver 1 - Ports 1 through 8. Programmable LED driver. Active Low.
See "Direct Drive LEDs” on page 24..
Port8_LED1 must be pulled High via a 100–500 k
Ω resistor if LED circuit
not used.
175
170
166
162
100
96
92
88
PORT8_LED2
PORT7_LED2
PORT6_LED2
PORT5_LED2
PORT4_LED2
PORT3_LED2
PORT2_LED2
PORT1_LED2
O
OD
LED Driver 2 - Ports 1 through 8. Programmable LED driver. Active Low.
See "Direct Drive LEDs” on page 24..
The Port8_LED2 pin is shared with the LEDABGSEL configuration input.
174
169
165
161
99
95
91
87
PORT8_LED3
PORT7_LED3
PORT6_LED3
PORT5_LED3
PORT4_LED3
PORT3_LED3
PORT2_LED3
PORT1_LED3
O
OD
LED Driver 3 - Ports 1 through 8. Programmable LED driver. Active Low.
See "Direct Drive LEDs” on page 24..
Port8_LED3 must be pulled High via a 100–500 k
Ω resistor if LED circuit
not used.
185
COL10_LED
I
O - OD/OS
10M Collision LED Driver. Active output indicates collision on 10M
segment. This pin is shared with the LEDSEL1 configuration input.
1. I = Input, O = Output, I/O = Input/Output, D = Digital, A = Analog, AI = Analog Input, A I/O = Analog Input/Output, OD = Open
Drain,
OS = Open Source, PD = Pull Down, PU = Pull Up. Even if the IRB is not used, required pull-up resistors must be installed as
listed above.
NC = No Clamp. Pad does not clamp input in the absence of power.
2. Pins are 5V tolerant, unless indicated.
3. Input must be static; Refer to "LED Pins Multiplexed with Configuration Inputs” on page 39. for information on pin use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com