Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAL1602C-R Datasheet(PDF) 10 Page - Crystalfontz America, Inc.

Part # CFAL1602C-R
Description  OLED DISPLAY MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAL1602C-R Datasheet(HTML) 10 Page - Crystalfontz America, Inc.

Back Button CFAL1602C-R Datasheet HTML 6Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 7Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 8Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 9Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 10Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 11Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 12Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 13Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 14Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Crystalfontz
CFAL1602C Series OLED Display Module
www.crystalfontz.com
Datasheet Release Date 2017-08-28
Page | 10
CFAL1602C-R and CFAL1602C-PR
Item
Symbol
Condition
Min
Typ
Max
Unit
View Angle
(V)
θ
-
160
-
-
deg
(H)
φ
-
160
-
-
Contrast Ratio
CR
Dark
2000:1
-
-
deg
Response Time
T rise
-
-
10
-
μs
T fall
10
Display with 50% Check Board Brightness
50
60
-
cd/m2
CIEx (Red)
(CIE1931)
0.63
0.67
0.71
-
CIEy (Red)
(CIE1931)
0.29
0.33
0.37
-
CFAL1602C-W and CFAL1602C-PW
Item
Symbol
Condition
Min
Typ
Max
Unit
View Angle
(V)
θ
-
160
-
-
deg
(H)
φ
-
160
-
-
Contrast Ratio
CR
Dark
2000:1
-
-
deg
Response Time
T rise
-
-
10
-
μs
T fall
10
Display with 50% Check Board Brightness
50
60
-
cd/m2
CIEx (White)
(CIE1931)
0.26
0.28
0.30
-
CIEy (White)
(CIE1931)
0.30
0.32
0.34
-
CFAL1602C-Y and CFAL1602C-PY
Item
Symbol
Condition
Min
Typ
Max
Unit
View Angle
(V)
θ
-
160
-
-
deg
(H)
φ
-
160
-
-
Contrast Ratio
CR
Dark
2000:1
-
-
deg
Response Time
T rise
-
-
10
-
μs
T fall
10
Display with 50% Check Board Brightness
100
120
-
cd/m2
CIEx (Yellow)
(CIE1931)
0.45
0.47
0.49
-
CIEy (Yellow)
(CIE1931)
0.48
0.50
0.52
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com