Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAL1602C-R Datasheet(PDF) 7 Page - Crystalfontz America, Inc.

Part # CFAL1602C-R
Description  OLED DISPLAY MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAL1602C-R Datasheet(HTML) 7 Page - Crystalfontz America, Inc.

Back Button CFAL1602C-R Datasheet HTML 3Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 4Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 5Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 6Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 7Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 8Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 9Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 10Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 11Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Crystalfontz
CFAL1602C Series OLED Display Module
www.crystalfontz.com
Datasheet Release Date 2017-08-28
Page | 7
7. Interface Pin Function
Pin No.
Symbol
Level
Function
1
VSS
0v
Ground
2
VDD
5.0v
Supply Voltage for Logic
3
NC
-
No Connection
4
RS
H/L
H: Data
L: Instruction Code
5
R/W
H/L
H: Read (Module
MPU)
H: Write MPU
Module)
6
E
H, H
L
Chip Enable Signal
7
DB0
H/L
Data Bus
8
DB1
H/L
Data Bus
9
DB2
H/L
Data Bus
10
DB3
H/L
Data Bus
11
DB4
H/L
Data Bus
12
-
H/L
Parallel Data Bus 5 / SPI: SCK
13
-
H/L
Parallel Data Bus 6 / SPI: MISO
14
-
H/L
Parallel Data Bus 7 / SPI: MOSI
15
NC
-
No Connection
16
NC
-
Parallel No Connection / SPI: SS
8. System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com