Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAL1602C-R Datasheet(PDF) 16 Page - Crystalfontz America, Inc.

Part # CFAL1602C-R
Description  OLED DISPLAY MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAL1602C-R Datasheet(HTML) 16 Page - Crystalfontz America, Inc.

Back Button CFAL1602C-R Datasheet HTML 10Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 11Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 12Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 13Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 14Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 15Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 16Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 17Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 18Page - Crystalfontz America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Crystalfontz
CFAL1602C Series OLED Display Module
www.crystalfontz.com
Datasheet Release Date 2017-08-28
Page | 16
14. OLED Module Precautions
The precautions below should be followed when using OLED modules to help ensure personal safety,
module performance, and compliance of environmental regulations.
14.1. Modules
Avoid applying excessive shocks to module or making any alterations or modifications to it.
Do not make extra holes on the printed circuit board, modify its shape or change the
components of OLED display module.
Do not disassemble the OLED display module.
Do not operate the OLED display module above the absolute maximum rating.
Do not drop, bend or twist the OLED display module.
Soldering: only to the I/O terminals.
Store in an anti-static electricity container and clean environment.
It is common to use the "screen saver" to extend the lifetime of the OLED display module.
o
Do not use the fixed information for long periods of time in real application.
o
Do not use fixed information in OLED panel for long periods of time to extend "screen
burn" effect time.
Crystalfontz has the right to change the passive components, including R2 and R3 adjust
resistors. (Resistors, capacitors and other passive components will have different appearance
and color caused by the different supplier.)
Crystalfontz have the right to change the PCB Rev. (In order to satisfy the supplying stability,
management optimization and the best product performance, etc., under the premise of not
affecting the electrical characteristics and external dimensions, Crystalfontz has the right to
modify the version.).
14.2. Handling Precautions
Since the display panel is made of glass, do not apply mechanical impacts such as dropping
from a high position.
If the display panel is accidently broken, and the internal organic substance leaks out, be
careful not to inhale or touch the organic substance.
If pressure is applied to the display surface or its neighborhood of the OLED display module,
the cell structure may be damaged, so be careful not to apply pressure to these sections.
The polarizer covering the surface of the OLED display module is soft and can be easily
scratched. Please be careful when handling the OLED display module.
Clean the surface of the polarizer covering the OLED display module if it becomes soiled using
following adhesion tape.
o
Scotch Mending Tape No. 810 or an equivalent
o
Never breathe the soiled surface or wipe the surface using a cloth containing solvent
such as ethyl alcohol, since the surface of the polarizer will become cloudy.
o
The following liquids/solvents may spoil the polarizer:
-
Water
-
Ketone
-
Aromatic Solvents
Hold the OLED display module very carefully when placing the OLED display module into the
system housing.
Do not apply excessive stress or pressure to the OLED display module. And, do not over bend
the film with electrode pattern layouts. These stresses will influence the display performance.
Also, be sure to secure the sufficient rigidity for the outer cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com