Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAL1602C-R Datasheet(PDF) 8 Page - Crystalfontz America, Inc.

Part # CFAL1602C-R
Description  OLED DISPLAY MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAL1602C-R Datasheet(HTML) 8 Page - Crystalfontz America, Inc.

Back Button CFAL1602C-R Datasheet HTML 4Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 5Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 6Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 7Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 8Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 9Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 10Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 11Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 12Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Crystalfontz
CFAL1602C Series OLED Display Module
www.crystalfontz.com
Datasheet Release Date 2017-08-28
Page | 8
9. Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Notes
Supply Voltage for Logic
VDD -VSS
-0.3
5.3
V
(1)(2)
Operating Temperature
TOP
-40
+80
°C
-
Storage Temperature
TST
-40
+80
°C
-
Notes:
(1)
These are stress ratings only. Extended exposure to the absolute maximum ratings listed above
may affect device reliability or cause permanent damage.
(2)
Functional operation should be restricted to the limits in the Electrical Characteristics table below.
10. Electrical Characteristics
CFAL1602C-GT, CFAL1602C-PGT, CFAL1602C-YT, and CFAL1602C-PYT
Item
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage for Logic
VDD -VSS
-
4.8
5.0
5.3
V
High-level Input
VIH
-
0.8 VDD
-
VDD
V
Low-level Input
VIL
-
GND
-
0.2 VDD
V
High-level Output
VOH
IOH = 0.5 mA
0.8 VDD
-
VDD
V
Low-level Output
VOL
IOL = 0.5 mA
GND
-
0.2 VDD
V
Supply Current
IDD
VDD = 5v
37
44
52
mA
CFAL1602C-B, CFAL1602C-PB, CFAL1602C-G, CFAL1602C-PG, CFAL1602C-R,
CFAL1602C- PR, CFAL1602C-W, CFAL1602C-PW, CFAL1602C-Y, and CFAL1602C-PY
Item
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage for Logic
VDD -VSS
-
4.8
5.0
5.3
V
High-level Input
VIH
-
0.8 VDD
-
VDD
V
Low-level Input
VIL
-
GND
-
0.2 VDD
V
High-level Output
VOH
IOH = 0.5 mA
0.8 VDD
-
VDD
V
Low-level Output
VOL
IOL = 0.5 mA
GND
-
0.2 VDD
V
Supply Current
IDD
VDD = 5v
30
35
42
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com