Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAL1602C-R Datasheet(PDF) 11 Page - Crystalfontz America, Inc.

Part # CFAL1602C-R
Description  OLED DISPLAY MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAL1602C-R Datasheet(HTML) 11 Page - Crystalfontz America, Inc.

Back Button CFAL1602C-R Datasheet HTML 7Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 8Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 9Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 10Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 11Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 12Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 13Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 14Page - Crystalfontz America, Inc. CFAL1602C-R Datasheet HTML 15Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Crystalfontz
CFAL1602C Series OLED Display Module
www.crystalfontz.com
Datasheet Release Date 2017-08-28
Page | 11
CFAL1602C-YT and CFAL1602C-PYT
Item
Symbol
Condition
Min
Typ
Max
Unit
View Angle
(V)
θ
-
160
-
-
deg
(H)
φ
-
160
-
-
Contrast Ratio
CR
Dark
2000:1
-
-
deg
Response Time
T rise
-
-
10
-
μs
T fall
10
Display with 50% Check Board Brightness
120
150
-
cd/m2
CIEx (Yellow)
(CIE1931)
0.45
0.47
0.49
-
CIEy (Yellow)
(CIE1931)
0.48
0.50
0.52
-
12. OLED Lifetime
Item
Conditions
Min
Typ
Notes
Operating Lifetime
Ta=25
ͦ C
Initial 50% check
board brightness
Typical Value
40,000 Hrs
50,000 Hrs
(1)(2)(3)
Notes:
(1)
Lifetime is defined as the amount of time when the luminance has decayed to <50% of the initial value.
(2)
This analysis method uses life data obtained under accelerated conditions to extrapolate an estimated Probability
Density Function (PDF) for the product under normal use conditions.
(3)
Screen saving mode will extend OLED lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com