Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM8631ASC7 Datasheet(PDF) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM8631ASC7
Description  OPERATION INSTRUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM8631ASC7 Datasheet(HTML) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM8631ASC7 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
www.corebai.com
CBM8631-CBM8632-CBM8634
OPERATION INSTRUCTION
ELECTRICAL CHARACTERISTICS
(At Vs=5V, TA = +25℃, VCM = VS/2, RL = 600Ω, unless otherwise noted.)
PARAMETER
CONDITIONS
CBM8631/CBM8632/CBM8634
TYP
MIN/MAX OVER TEMPERATURE
+25℃
+25℃
0℃
to
70℃
-40℃
to
85℃
-40℃
to
125℃
UNITS
MIN
/MAX
INPUT CHARACTERISTICS
Input Offset Voltage (VOS)
Input Bias Current (IB)
Input Offset Current (IOS)
Input Common Mode Voltage Range (VCM)
Common Mode Rejection Ratio (CMRR)
Open-Loop Voltage Gain (AOL)
Input Offset Voltage Drift (ΔVOS/ΔT)
VS = 5.5V
VS = 5.5V, VCM = -0.1V to 4V
VS = 5.5V, VCM =-0.1V to 5.6V
RL = 600Ω, VO = 0.15V to 4.85V
RL = 10kΩ, VO = 0.05V to 4.95V
0.8
1
1
-0.1 to
+5.6
90
83
97
108
2.4
3.5
73
90
3.9
70
87
4.3
70
86
4.6
65
79
mV
pA
pA
V
dB
dB
dB
dB
μV/℃
MAX
TYP
TYP
TYP
MIN
MIN
MIN
MIN
TYP
OUTPUT CHARACTERISTICS
Output Voltage Swing from Rail
Output Current (IOUT)
Closed-Loop Output Impedance
RL = 600Ω
RL = 10kΩ
f = 200kHz, G = 1
0.1
0.015
53
3
49
45
40
35
V
V
mA
Ω
TYP
TYP
MIN
TYP
POWER-DOWN DISABLE
Turn-On Time
Turn-Off Time
4
1.2
μs
μs
TYP
TYP
POWER SUPPLY
Operating Voltage Range
Power Supply Rejection Ratio (PSRR)
Quiescent Current/Amplifier (IQ)
VS = +2.5V to +5.5V
VCM = (-VS) + 0.5V
IOUT = 0
91
470
2.1
5.5
74
650
2.1
5.5
72
727
2.1
5.5
72
750
2.1
5.5
68
815
V
V
dB
μA
MIN
MAX
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com