Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM8631ASC7 Datasheet(PDF) 13 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM8631ASC7
Description  OPERATION INSTRUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM8631ASC7 Datasheet(HTML) 13 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBM8631ASC7 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 11Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 12Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 13Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 14Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 15Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 16Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 17Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
www.corebai.com
CBM8631-CBM8632-CBM8634
OPERATION INSTRUCTION
SOT23-5
Symbol
Dimensions In Millimeters
Dimensions Inches
Min
Max
Min
Max
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.500
0.012
0.020
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.950 BSC
0.037 BSC
e1
1.800
2.000
0.071
0.079
L
0.300
0.600
0.012
0.024
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com