Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM8631ASC7 Datasheet(PDF) 4 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM8631ASC7
Description  OPERATION INSTRUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM8631ASC7 Datasheet(HTML) 4 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM8631ASC7 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
www.corebai.com
CBM8631-CBM8632-CBM8634
OPERATION INSTRUCTION
Electrical Characteristics
(At Vs=5V, TA = +25℃, VCM = VS/2, RL = 600Ω, unless otherwise noted.)
PARAMETER
CONDITIONS
CBM8631/CBM8632/CBM8634
TYP
MIN/MAX OVER TEMPERATURE
+25℃
+25℃
0℃
to
70℃
-40℃
to
85℃
-40℃
to
125℃
UNITS
MIN
/MAX
DYNAMIC PERFORMANCE
Gain-Bandwidth Product (GBP)
Phase Margin (φO)
Full Power Bandwidth (BWP)
Slew Rate (SR)
Settling Time to 0.1% (tS)
Overload Recovery Time
RL = 10kΩ, CL = 100pF
RL = 10kΩ, CL = 100pF
<1% distortion, RL = 600Ω
G = +1, 2V Step, RL = 10kΩ
G = +1, 2V Step, RL = 600Ω
VIN ·Gain = VS, RL = 600Ω
6
53
250
4.2
0.4
2.5
MHz
Degrees
kHz
V/μs
μs
μs
TYP
TYP
TYP
TYP
TYP
TYP
NOISE PERFORMANCE
Voltage Noise Density (en)
f = 1kHz
f = 10kHz
13
9.5
따 "따" TYP
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com