Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM8631ASC7 Datasheet(PDF) 7 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM8631ASC7
Description  OPERATION INSTRUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM8631ASC7 Datasheet(HTML) 7 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBM8631ASC7 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 11Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
www.corebai.com
CBM8631-CBM8632-CBM8634
OPERATION INSTRUCTION
Application Note
Size
CBM863X series op amps are unity-gain stable and suitable for a wide range of
general-purpose applications. The small footprints of the CBM863X series packages save space
on printed circuit boards and enable the design of smaller electronic products.
Power Supply Bypassing and Board Layout
CBM863X series operates from a single 2.1V to 5.5V supply or dual ±1.05V to ±2.75V
supplies. For best performance, a 0.1μF ceramic capacitor should be placed close to the VDD pin
in single supply operation. For dual supply operation, both VDD and VSS supplies should be
bypassed to ground with separate 0.1μF ceramic capacitors.
Low Supply Current
The low supply current (typical 470uA per channel) of CBM863X series will help to maximize
battery life. They are ideal for battery powered systems
Operating Voltage
CBM863X series operate under wide input supply voltage (2.1V to 5.5V). In addition, all
temperature specifications apply from -40℃ to +125℃. Most behavior remains unchanged
throughout the full operating voltage range. These guarantees ensure operation throughout the
single Li-Ion battery lifetime
Rail-to-Rail Input
The input common-mode range of CBM863X series extends 100mV beyond the supply rails
(VSS-0.1V to VDD+0.1V). This is achieved by using complementary input stage. For normal
operation, inputs should be limited to this range.
Rail-to-Rail Output
Rail-to-Rail output swing provides maximum possible dynamic range at the output. This is
particularly important when operating in low supply voltages. The output voltage of CBM863X
series can typically swing to less than 2mV from supply rail in light resistive loads (>100kΩ), and
60mV of supply rail in moderate resistive loads (10kΩ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com