Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM8631ASC7 Datasheet(PDF) 1 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM8631ASC7
Description  OPERATION INSTRUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM8631ASC7 Datasheet(HTML) 1 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM8631ASC7 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM8631ASC7 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
www.corebai.com
CBM8631-CBM8632-CBM8634
OPERATION INSTRUCTION
FEATURES
Single-Supply Operation from +2.1V ~
+5.5V
Rail-to-Rail Input / Output
Gain-Bandwidth Product: 6MHz (Typ.)
Low Input Bias Current: 1pA (Typ.)
Low Offset Voltage: 3.5mV (Max.)
Quiescent Current: 470μA per Amplifier
(Typ.)
Operating Temperature: -40°C ~ +125°C
Small Package:
CBM8631 Available in SOT23-5, SOP-8
and SC70-5 Packages
CBM8632 Available in SOP-8 and MSOP-8
Packages
CBM8634 Available in SOP-14 and
TSSOP-14 Packages
APPLICATIONS
Sensors
Active Filters
Cellular and Cordless Phones
Laptops and PDAs
Audio
Handheld Test Equipment
Battery-Powered Instrumentation
A/D Converters
GENERAL DESCRIPTION
The CBM863X have a high gain-bandwidth product of 6MHz, a slew rate of 4.2V/μs, and a
quiescent current of 470μA per amplifier at 5V. The CBM863X are designed to provide optimal
performance in low voltage and low noise systems. They provide rail-to-rail output swing into
heavy loads. The input common mode voltage range includes ground, and the maximum input
offset voltage is 3.5mV for CBM863X. They are specified over the extended industrial
temperature range (-40℃ to +125℃). The operating range is from 2.1V to 5.5V. The CBM8631
single is available in Green SC70-5, SOT23-5 and SOP-8 packages. The CBM8632 dual is available
in Green SOP-8 and MSOP-8 packages. The CBM8634 Quad is available in Green SOP-14 and
TSSOP-14 packages.


Similar Part No. - CBM8631ASC7

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CBM86 SUMIDA-CBM86 Datasheet
113Kb / 1P
Balun coil
logo
COREBAI Microelectronic...
CBM8621 COREBAI-CBM8621 Datasheet
1Mb / 20P
OPERATION INSTRUCTION
CBM8621AMS8 COREBAI-CBM8621AMS8 Datasheet
1Mb / 20P
OPERATION INSTRUCTION
CBM8621AS8 COREBAI-CBM8621AS8 Datasheet
1Mb / 20P
OPERATION INSTRUCTION
CBM8621AST5 COREBAI-CBM8621AST5 Datasheet
1Mb / 20P
OPERATION INSTRUCTION
More results

Similar Description - CBM8631ASC7

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM232 COREBAI-CBM232 Datasheet
839Kb / 9P
OPERATION INSTRUCTION
CBM2003A COREBAI-CBM2003A Datasheet
1Mb / 11P
OPERATION INSTRUCTION
CBM2576-XX COREBAI-CBM2576-XX Datasheet
1Mb / 16P
OPERATION INSTRUCTION
CBM2904 COREBAI-CBM2904 Datasheet
803Kb / 7P
OPERATION INSTRUCTION
CBM3232AS COREBAI-CBM3232AS Datasheet
986Kb / 13P
OPERATION INSTRUCTION
CBM3485A COREBAI-CBM3485A Datasheet
903Kb / 11P
OPERATION INSTRUCTION
CBM8031 COREBAI-CBM8031 Datasheet
1Mb / 12P
OPERATION INSTRUCTION
CBM8511 COREBAI-CBM8511 Datasheet
1Mb / 17P
OPERATION INSTRUCTION
CBM8538 COREBAI-CBM8538 Datasheet
1Mb / 12P
OPERATION INSTRUCTION
CBM8551 COREBAI-CBM8551 Datasheet
1Mb / 16P
OPERATION INSTRUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com