Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR09B565JB Datasheet(PDF) 19 Page - Kemet Corporation

Part # CSR09B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B565JB Datasheet(HTML) 19 Page - Kemet Corporation

Back Button CSR09B565JB Datasheet HTML 15Page - Kemet Corporation CSR09B565JB Datasheet HTML 16Page - Kemet Corporation CSR09B565JB Datasheet HTML 17Page - Kemet Corporation CSR09B565JB Datasheet HTML 18Page - Kemet Corporation CSR09B565JB Datasheet HTML 19Page - Kemet Corporation CSR09B565JB Datasheet HTML 20Page - Kemet Corporation CSR09B565JB Datasheet HTML 21Page - Kemet Corporation CSR09B565JB Datasheet HTML 22Page - Kemet Corporation CSR09B565JB Datasheet HTML 23Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
®
KEMET
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-C-39003
T110 SERIES — POLAR TYPE & T212 (CSR13)
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
19
KEMET T110
MIL-PRF-39003 (CSR13) CAPACITORS
DASH NUMBER REFERENCE
FAILURE RATE LEVEL (%/1000 HRS.)
MAX.
D.C.
DISSIPATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01) (0.001)
(0.1)
(0.01) (0.001)
PART NUMBER
125 VOLT RATING AT 85°C — 82 VOLT RATING AT 125°C
1.0
B
5,10,20
T110B105(1)125AS
1.5
3
1.2
B
5,10,20
T110B125(1)125AS
1.5
3
1.5
B
5,10,20
T110B155(1)125AS
1.5
3
1.8
B
5,10,20
T110B185(1)125AS
1.5
3
2.2
B
5,10,20
T110B225(1)125AS
1.5
3
2.7
C
5,10,20
T110C275(1)125AS
2.0
3
3.3
C
5,10,20
T110C335(1)125AS
2.0
3
3.9
C
5,10,20
T110C395(1)125AS
2.0
3
4.7
C
5,10,20
T110C475(1)125AS
3.0
3
5.6
C
5,10,20
T110C565(1)125AS
3.0
3
6.8
C
5,10,20
T110C685(1)125AS
3.0
3
8.2
D
5,10,20
T110D825(1)125AS
6.0
3
10.0
D
5,10,20
T110D106(1)125AS
6.0
3
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/1H
EXPONENTIAL
MIL-PRF-39003/1H
GRADED
(1) To complete T110 Series Part Number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6.
(2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character.
Bold Face lines indicate popular part types and values.
T110/T140 Herm Seal ESR (OHMS) at 100 kHz @ +25
°C
(The ESR values provided below are for reference only. No warranty, as stated on page 3 and reincorporated
here, is made as to the accuracy of these values for any particular T110/T140 Series product.)
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
1200.0
14.0
14.0
13.0
13.0
10.0
10.0
8.0
8.0
6.0
6.0
5.0
5.0
3.7
3.7
3.0
3.0
2.0
2.0
1.8
1.8
1.6
1.6
0.9
0.9
0.9
0.9
0.7
0.7
0.5
0.5
0.3
0.3
0.12
0.12
20.0
20.0
14.0
14.0
13.0
13.0
10.0
10.0
8.0
8.0
6.0
6.0
5.0
5.0
3.7
3.7
2.7
2.7
2.1
2.1
1.7
1.7
1.3
1.3
1.0
1.0
0.8
0.8
0.6
0.6
0.5
0.5
0.5
0.5
28.0
28.0
26.0
26.0
24.0
24.0
17.0
17.0
10.0
10.0
8.0
8.0
6.0
6.0
5.0
5.0
4.0
4.0
3.2
3.2
2.5
2.5
2.0
2.0
1.6
1.6
1.3
1.3
1.0
1.0
0.8
0.8
0.6
0.6
0.5
0.5
0.4
37.0
37.0
32.0
32.0
27.0
25.0
22.0
22.0
20.0
18.0
16.0
16.0
10.0
10.0
9.0
9.0
7.0
7.0
5.5
5.5
4.5
4.5
3.6
3.6
2.9
2.9
2.3
2.3
1.8
1.8
1.4
1.4
1.2
1.2
0.9
0.9
0.6
0.6
0.5
0.5
9.0
8.0
8.0
6.0
6.0
2.5
2.0
2.0
1.2
1.2
1.0
1.0
0.8
0.8
0.5
26.0
26.0
21.0
21.0
17.0
17.0
15.0
15.0
13.0
13.0
10.0
10.0
8.0
8.0
6.0
6.0
5.0
5.0
4.0
4.0
3.0
3.0
2.5
2.5
2.0
2.0
1.6
1.6
1.3
1.3
1.0
1.0
0.8
0.8
0.6
0.6
0.5
26.0
26.0
21.0
21.0
17.0
17.0
15.0
15.0
13.0
13.0
10.0
10.0
8.0
8.0
5.0
5.0
3.5
3.5
3.0
3.0
2.5
2.5
2.0
2.0
1.6
1.6
1.2
1.2
1.0
1.0
0.8
0.8
0.6
Cap.
µF
6
Volt
10
Volt
15
Volt
20
Volt
30
Volt
35
Volt
50
Volt
60
Volt
75
Volt
100
Volt
125
Volt
26.0
26.0
21.0
21.0
17.0
17.0
15.0
15.0
13.0
13.0
10.0
10.0
8.0
8.0
5.0
5.0
3.5
3.5
3.0
3.0
2.5
2.5
2.0
2.0
1.6
1.6
1.2
1.2
1.0
1.0
0.8
26.0
26.0
21.0
21.0
17.0
17.0
15.0
15.0
13.0
13.0
10.0
10.0
8.0
8.0
5.0
5.0
3.5
3.5
3.0
3.0
2.5
2.5
2.0
2.0
1.6
1.6
1.2
25.0
25.0
20.0
20.0
16.0
16.0
14.0
14.0
12.0
12.0
9.0
9.0
7.0
7.0
4.0
4.0
3.0
3.0
2.5
2.5
2.0
2.0
1.5
1.5
1.0
25.0
25.0
20.0
20.0
16.0
16.0
14.0
14.0
12.0
12.0
9.0
9.0
7.0
7.0
4.0
4.0
3.0
3.0
2.5
2.5
2.0
2.0
1.5
1.5
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com