Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR09B565JB Datasheet(PDF) 44 Page - Kemet Corporation

Part # CSR09B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B565JB Datasheet(HTML) 44 Page - Kemet Corporation

Back Button CSR09B565JB Datasheet HTML 40Page - Kemet Corporation CSR09B565JB Datasheet HTML 41Page - Kemet Corporation CSR09B565JB Datasheet HTML 42Page - Kemet Corporation CSR09B565JB Datasheet HTML 43Page - Kemet Corporation CSR09B565JB Datasheet HTML 44Page - Kemet Corporation CSR09B565JB Datasheet HTML 45Page - Kemet Corporation CSR09B565JB Datasheet HTML 46Page - Kemet Corporation CSR09B565JB Datasheet HTML 47Page - Kemet Corporation CSR09B565JB Datasheet HTML 48Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
KEMET T322 SERIES
MAX.
DISSIPATION
CAPACITANCE
D.C.
FACTOR
CAPACITANCE
CASE
TOLERANCE
KEMET
LEAKAGE
%@25°C,
MILITARY
KEMET
µF
SIZE
±%
PART NUMBER
µA@25°C
120 HZ
PART NUMBER
PART NUMBER
2 VOLT RATING AT 85°C — 1.3 VOLT RATING AT 125°C
6.8
A
5,10,20
T322A685(1)002AS
0.5
10
8.2
A
5,10,20
T322A825(1)002AS
0.5
10
10.0
A
5,10,20
T322A106(1)002AS
0.5
10
12.0
B
5,10,20
T322B126(1)002AS
0.5
10
15.0
B
5,10,20
T322B156(1)002AS
0.5
10
18.0
B
5,10,20
T322B186(1)002AS
0.5
10
22.0
B
5,10,20
T322B226(1)002AS
0.5
10
27.0
B
5,10,20
T322B276(1)002AS
0.5
10
33.0
B
5,10,20
T322B336(1)002AS
0.5
10
39.0
C
5,10,20
T322C396(1)002AS
0.6
10
47.0
C
5,10,20
T322C476(1)002AS
0.8
10
56.0
C
5,10,20
T322C566(1)002AS
0.9
10
68.0
C
5,10,20
T322C686(1)002AS
1.1
10
4 VOLT RATING AT 85°C — 2.7 VOLT RATING AT 125°C
4.7
A
5,10,20
T322A475(1)004AS
0.5
8
5.6
A
5,10,20
T322A565(1)004AS
0.5
8
6.8
A
5,10,20
T322A685(1)004AS
0.5
8
8.2
B
5,10,20
T322B825(1)004AS
0.5
8
10.0
B
5,10,20
T322B106(1)004AS
0.5
8
12.0
B
5,10,20
T322B126(1)004AS
0.5
8
15.0
B
5,10,20
T322B156(1)004AS
0.5
8
18.0
B
5,10,20
T322B186(1)004AS
0.6
8
22.0
B
5,10,20
T322B226(1)004AS
0.7
8
27.0
C
5,10,20
T322C276(1)004AS
0.9
8
33.0
C
5,10,20
T322C336(1)004AS
1.1
8
39.0
C
5,10,20
T322C396(1)004AS
1.2
8
47.0
C
5,10,20
T322C476(1)004AS
1.5
8
56.0
D
5,10,20
T322D566(1)004AS
1.8
8
68.0
D
5,10,20
T322D686(1)004AS
2.2
8
6 VOLT RATING AT 85°C — 4 VOLT RATING AT 125°C
3.3
A
5,10,20
T322A335(1)006AS
0.5
4
3.9
A
5,10,20
T322A395(1)006AS
0.5
4
4.7
A
5
T322A475J006AS
0.5
4
4.7
A
10
T322A475K006AS
0.5
4
CX05D475K
T323A475K006AS
4.7
A
20
T322A475M006AS
0.5
4
CX05D475M
T323A475M006AS
5.6
B
5
T322B565J006AS
0.5
4
5.6
B
10
T322B565K006AS
0.5
4
CX01D565K
T323B565K 006AS
5.6
B
20
T322B565M006AS
0.5
4
CX01D565M
T323B565M006AS
6.8
B
5
T322B685J006AS
0.5
6
6.8
B
10
T322B685K006AS
0.5
6
CX01D685K
T323B685K006AS
6.8
B
20
T322B685M006AS
0.5
6
CX01D685M
T323B685M006AS
8.2
B
5
T322B825J006AS
0.5
6
8.2
B
10
T322B825K006AS
0.5
6
CX01D825K
T323B825K 006AS
8.2
B
20
T322B825M006AS
0.5
6
CX01D825M
T323B825M006AS
10.0
B
5
T322B106J006AS
0.5
6
10.0
B
10
T322B106K006AS
0.5
6
CX01D106K
T323B106K006AS
10.0
B
20
T322B106M006AS
0.5
6
CX01D106M
T323B106M006AS
12.0
B
5
T322B126J006AS
0.6
6
12.0
B
10
T322B126K006AS
0.6
6
CX01D126K
T323B126K 006AS
12.0
B
20
T322B126M006AS
0.6
6
CX01D126M
T323B126M006AS
15.0
B
5
T322B156J006AS
0.7
6
15.0
B
10
T322B156K006AS
0.7
6
CX05D156K
T323B156K006AS
15.0
B
20
T322B156M006AS
0.7
6
CX05D156M
T323B156M006AS
18.0
C
5,10,20
T322C186(1)006AS
0.9
6
22.0
C
5,10,20
T322C226(1)006AS
1.1
6
27.0
C
5,10,20
T322C276(1)006AS
1.3
6
33.0
C
5
T322C336J006AS
1.5
6
33.0
C
10
T322C336K006AS
1.5
6
CX05D336K
T323C336K006AS
33.0
C
20
T322C336M006AS
1.5
6
CX05D336M
T323C336M006AS
39.0
D
5,10,20
T322D396(1)006AS
1.9
6
47.0
D
5
T322D476J006AS
2.3
6
47.0
D
10
T322D476K006AS
2.3
6
CX05D476K
T323D476K006AS
47.0
D
20
T322D476M006AS
2.3
6
CX05D476M
T323D476M006AS
56.0
D
5,10,20
T322D566(1)006AS
2.7
6
68.0
D
5,10,20
T322D686(1)006AS
3.3
6
®
KEMET
TANTALUM MOLDED / AXIAL — MIL-C-49137/1 & 5
T322 & T323 (CX01 & CX05) SERIES
44
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE
(1) To complete KEMET Part Number, insert Capacitance Tolerance Symbol as follows: M — ±20%, K — ±10%, J — ±5%
Bold Face lines indicate preferred part types and values.
CX01 & CXO5 CAPACITORS
PER MIL-C-49137/1 & 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com