Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR09B565JB Datasheet(PDF) 49 Page - Kemet Corporation

Part # CSR09B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B565JB Datasheet(HTML) 49 Page - Kemet Corporation

Back Button CSR09B565JB Datasheet HTML 45Page - Kemet Corporation CSR09B565JB Datasheet HTML 46Page - Kemet Corporation CSR09B565JB Datasheet HTML 47Page - Kemet Corporation CSR09B565JB Datasheet HTML 48Page - Kemet Corporation CSR09B565JB Datasheet HTML 49Page - Kemet Corporation CSR09B565JB Datasheet HTML 50Page - Kemet Corporation CSR09B565JB Datasheet HTML 51Page - Kemet Corporation CSR09B565JB Datasheet HTML 52Page - Kemet Corporation CSR09B565JB Datasheet HTML 53Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
®
KEMET
TANTALUM MOLDED / RADIAL
T330/T340 SERIES - PRECISION MOLDED — RADIAL LEAD — POLAR TYPE
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (803) 963-6300
49
T330 Series
KEMET T330 Series, polar-type, radial lead rectangular Precision
Molded Tantalum (PMT) capacitors are primarily designed for appli-
cations that demand full use of the premium space available in print-
ed circuitry and high density packaging. Compact, space saving
T330 Series capacitors provide superior packing factor and space
utilization compared with tubular units of the same microcoulomb
(CV) rating.
T330 Series capacitors employ a rectangular sintered, dry tantalum
anode, transfer molded in precision dies with a high impact resistant
plastic having excellent electrical, physical, and moisture resistant
properties. All cases utilize gold color plastic which permits laser
marking with outstanding permanency and legibility. The polarity is
indicated by a + sign permanently marked on the case. The radius on
the two vertical edges at the positive end of B, C, and D Cases can
be used as a sensing dimension for automatic insertion processes.
The location of the standoffs may serve a similar sensing function for
the A Case. These standoffs, located in the base of all case sizes,
provide vents for air circulation and also allow easy removal of flux
residues from leadwire and circuit board solder joints.
T330 Series capacitors are highly reliable and exhibit performance
characteristics typical of military test standards. They are available
in capacitance values ranging from 0.1 to 220 microfarads in ±20,
±10, ±5% tolerance levels, and in working voltages from 6 to 50
volts. At 85°C the capacitors will operate continuously at full rated
voltage. They are rated to 125°C when operated at 2/3 of nameplate
voltage. In addition, they feature exceptionally low DC leakage and
Dissipation Factor characteristics.
They are ideal for bypass, coupling, and timing applications in com-
puters, military ordinance, industrial, entertainment, and consumer
electronic equipment.
• CAPACITANCE/VOLTAGE RANGE:
T330: 0.1-220µF, 6-50 Volts.
T340: 0.1-330µF, 6-50 Volts.
• CAPACITANCE TOLERANCE: Available in standard EIA nominal
values with ±20% tolerance standard, ±10% and ±5% available
on special order.
• DISSIPATION FACTOR: Maximum DF limits are shown in corre-
sponding series part number listing. See Application Notes
Section, page 78.
• DC LEAKAGE CURRENT: Maximum leakage values at 25°C are
shown in part number listings, pages 51, 52, 55, 56 and 57. See
Application Notes Section, page 76.
• RATED VOLTAGE; WORKING VOLTAGE; SURGE VOLTAGE;
REVERSE VOLTAGE: See Application Notes Section, pages 76 &
77 for description.
• IMPEDANCE and ESR: See Application Notes Section, page 77
& 78 for additional information. Reference ESR values are shown
in table below.
• AC RIPPLE VOLTAGE: Permissible AC ripple voltage is related to
ESR of the capacitor and the power dissipation capabilities of a par-
ticular case size. Thermal capacities for the various case sizes
have been determined and are listed in Table below. For addi-
tional description see page 78.
• ENVIRONMENTAL CONSIDERATIONS:
A. Shock Test: MIL-STD-202, Method 213.
B. Thermal Shock, MIL-STD-202, Method 107.
C. Moisture Resistance: MIL-STD-202, Method 106.
D. Solderability: MIL-STD-202, Method 208.
For additional Environmental Test Information see pages 80, 81
and 82.
• LEAD MATERIAL: Solder coated steel core with copper ply per
MIL-STD-1276.
• LEAD TAPE and REEL: Reeling per specification RS-468. See
pages 71 and 73 for additional information.
PERFORMANCE CHARACTERISTICS
T340 Series
The compact space saving T340 Series is transfer molded in preci-
sion dies with a high impact resistant plastic having excellent elec-
trical, physical, and moisture resistant properties. The gold color
plastic case utilized permits laser marking with outstanding perma-
nency and legibility.
Marking is provided on the top of the case to allow visual inspection
for proper polarity and placement after insertion. In addition, positive
polarity identification is achieved by an easily recognized molded
radius on the positive end of the case. This physical polarity identifi-
cation is readily observed after capacitor placement as a further aid
to the top marking in prevention of possible reverse insertion.
Standoffs, located in the base of all case sizes, provide vents for air
circulation and also allow easy removal of flux residues from lead-
wire and circuit board solder joints. With very low impedance and
ESR values, the T340 Series features exceptionally low DC leakage
and DF characteristics. The T340 Series is available in standard
±20%; ±10%; ±5% (special order) capacitance tolerance.
T340 Series capacitors are highly reliable and exhibit performance
characteristics typical of military test standards.
Series
Case Size
Watts
T330/T340
A
.09
B.09
C
.100
T330
D
.125
T340 only
D/F
.125
E
.180
Maximum Power Dissipation: 25°C Ambient
T330/T340 ESR (OHMS) at 100 kHz @ +25
°C
(The ESR values provided below are for reference only.
No warranty, as stated on page 3 and reincorporated here,is made as to
the accuracy of these values for any particular T330/T340 Series product.)
0.10
0.15
0.22
0.33
0.47
0.68
1.00
1.50
2.20
3.30
4.70
6.80
10.0
15.0
22.0
33.0
47.0
68.0
100.0
150.0
220.0
330.0
8.0
6.0
5.0
3.7
3.0
2.0
1.8
1.6
0.9
0.9
0.7
8.0
6.0
5.0
3.7
2.7
2.1
1.7
1.3
1.0
0.8
0.6
6.0
5.0
4.0
3.2
2.5
2.0
1.6
1.3
1.0
0.8
0.6
7.0
5.5
4.5
3.6
2.9
2.3
1.8
1.4
1.2
0.9
0.6
8.0
6.0
5.0
4.0
3.1
2.5
2.0
1.5
1.2
1.0
0.8
26.0
21.0
17.0
15.0
13.0
10.0
8.0
6.0
5.0
4.0
3.0
2.5
2.0
1.6
1.3
1.0
0.8
26.0
21.0
17.0
15.0
13.0
10.0
8.0
5.0
3.5
3.0
2.5
2.0
1.6
1.2
1.0
Cap.
µF
6
Volt
10
Volt
15
Volt
20
Volt
25
Volt
35
Volt
50
Volt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com