Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR09B565JB Datasheet(PDF) 55 Page - Kemet Corporation

Part # CSR09B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B565JB Datasheet(HTML) 55 Page - Kemet Corporation

Back Button CSR09B565JB Datasheet HTML 51Page - Kemet Corporation CSR09B565JB Datasheet HTML 52Page - Kemet Corporation CSR09B565JB Datasheet HTML 53Page - Kemet Corporation CSR09B565JB Datasheet HTML 54Page - Kemet Corporation CSR09B565JB Datasheet HTML 55Page - Kemet Corporation CSR09B565JB Datasheet HTML 56Page - Kemet Corporation CSR09B565JB Datasheet HTML 57Page - Kemet Corporation CSR09B565JB Datasheet HTML 58Page - Kemet Corporation CSR09B565JB Datasheet HTML 59Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
MAX.
MAX.
DISSIPATION
MAX.
CAPACI-
DC
FACTOR
IMPEDANCE
ITANCE
CASE
KEMET
LEAKAGE
%@25°C,
Ω@
µF
SIZE
PART NUMBER
µA@25°C
120 HZ
10 kHz
3 VOLT RATING AT 85°C — 2 VOLT AT 125°C
10.0
A
T340A106(1)003AS
1.0
6
6.0
15.0
A
T340A156(1)003AS
1.0
6
3.2
33.0
B
T340B336(1)003AS
1.5
6
2.1
47.0
B
T340B476(1)003AS
3.0
6
1.8
68.0
C
T340C686(1)003AS
4.0
6
1.5
100.0
C
T340C107(1)003AS
5.0
6
1.2
6/6.3 VOLT RATING AT 85°C — 4 VOLT AT 125°C
6.8
A
T340A685(1)006AS
1.0
6
6.0
10.0
B
T340B106(1)006AS
1.0
6
12.0
B
T340B126(1)006AS
1.0
6
15.0
B
T340B156(1)006AS
1.0
6
18.0
B
T340B186(1)006AS
1.0
6
22.0
B
T340B226(1)006AS
2.5
6
2.1
27.0
C
T340C276(1)006AS
2.5
6
33.0
C
T340C336(1)006AS
2.5
6
39.0
C
T340C396(1)006AS
2.5
6
47.0
C
T340C476(1)006AS
3.0
6
1.5
56.0
C
T340C566(1)006AS
5.0
6
68.0
C
T340C686(1)006AS
5.0
6
82.0
D/F
T340(2)826(1)006AS
5.0
6
100.0
D/F
T340(2)107(1)006AS
5.0
6
120.0
D/F
T340(2)127(1)006AS
5.0
6
150.0
D/F
T340(2)157(1)006AS
8.0
6
0.8
180.0
D/F
T340(2)187(1)006AS
10.0
6
220.0
D/F
T340(2)227(1)006AS
10.0
6
330.0
E
T340E337(1)006AS
10.0
8
0.5
10 VOLT RATING AT 85°C — 6 VOLT AT 125°C
4.7
A
T340A475(1)010AS
1.0
6
7.5
5.6
B
T340B565(1)010AS
1.0
6
6.8
B
T340B685(1)010AS
1.0
6
8.2
B
T340B825(1)010AS
1.0
6
10.0
B
T340B106(1)010AS
1.0
6
12.0
B
T340B126(1)010AS
1.0
6
15.0
B
T340B156(1)010AS
3.0
6
2.5
18.0
C
T340C186(1)010AS
3.0
6
22.0
C
T340C226(1)010AS
3.0
6
27.0
C
T340C276(1)010AS
3.0
6
33.0
C
T340C336(1)010AS
5.0
6
1.7
39.0
C
T340C396(1)010AS
5.0
6
47.0
D/F
T340(2)476(1)010AS
5.0
6
56.0
D/F
T340(2)566(1)010AS
5.0
6
68.0
D/F
T340(2)686(1)010AS
5.0
6
82.0
D/F
T340(2)826(1)010AS
8.0
6
100.0
D/F
T340(2)107(1)010AS
10.0
6
1.0
120.0
D/F
T340(2)127(1)010AS
10.0
6
150.0
D/F
T340(2)157(1)010AS
10.0
6
220.0
E
T340E227(1)010AS
10.0
6
0.5
15/16 VOLT RATING AT 85°C — 10 VOLT AT 125°C
3.3
A
T340A335(1)015AS
1.0
6
9.0
3.9
B
T340B395(1)015AS
1.0
6
4.7
B
T340B475(1)015AS
1.0
6
5.6
B
T340B565(1)015AS
1.0
6
6.8
B
T340B685(1)015AS
1.0
6
8.2
B
T340B825(1)015AS
1.0
6
10.0
B
T340B106(1)015AS
3.0
6
3.2
®
KEMET
TANTALUM MOLDED / RADIAL
T340 SERIES
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
55
RATINGS & PART NUMBER REFERENCE
(1) To complete KEMET Part Number, insert M — ±20%, K — ±10%, or J — ±5% for capacitance tolerance as shown in T340 ordering information.
(2) To complete KEMET Part Number, insert letter “D” for 10.0 mm (.394) lead spacing or letter “F” for 5.0 mm (.197) lead spacing. See page 53 for outline drawings.
Bold face lines indicate popular part types and values.
Higher voltage and better capacitance tolerance product may be substituted for an order within the same case size at KEMET’S option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com