Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR09B565JB Datasheet(PDF) 45 Page - Kemet Corporation

Part # CSR09B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B565JB Datasheet(HTML) 45 Page - Kemet Corporation

Back Button CSR09B565JB Datasheet HTML 41Page - Kemet Corporation CSR09B565JB Datasheet HTML 42Page - Kemet Corporation CSR09B565JB Datasheet HTML 43Page - Kemet Corporation CSR09B565JB Datasheet HTML 44Page - Kemet Corporation CSR09B565JB Datasheet HTML 45Page - Kemet Corporation CSR09B565JB Datasheet HTML 46Page - Kemet Corporation CSR09B565JB Datasheet HTML 47Page - Kemet Corporation CSR09B565JB Datasheet HTML 48Page - Kemet Corporation CSR09B565JB Datasheet HTML 49Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
KEMET T322 SERIES
MAX.
DISSIPATION
CAPACITANCE
D.C.
FACTOR
CAPACITANCE
CASE
TOLERANCE
KEMET
LEAKAGE
%@25°C,
MILITARY
KEMET
µF
SIZE
±%
PART NUMBER
µA@25°C
120 HZ
PART NUMBER
PART NUMBER
6 VOLT RATING AT 85°C — 4 VOLT RATING AT 125°C (Cont’d)
82.0
E
5,10,20
T322E826(1)006AS
3.9
8
100.0
E
5,10,20
T322E107(1)006AS
4.8
8
120.0
E
5,10,20
T322E127(1)006AS
5.0
8
150.0
E
5,10,20
T322E157(1)006AS
5.0
8
180.0
E
5,10,20
T322E187(1)006AS
8.6
8
220.0
E
5,10,20
T322E227(1)006AS
10.0
8
270.0
F
5,10,20
T322F277(1)006AS
10.0
8
330.0
F
5,10,20
T322F337(1)006AS
10.0
8
10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C
2.2
A
5,10,20
T322A225(1)010AS
0.5
4
2.7
A
5,10,20
T322A275(1)010AS
0.5
4
3.3
A
5
T322A335J010AS
0.5
4
3.3
A
10
T322A335K010AS
0.5
4
CX05F335K
T323A335K010AS
3.3
A
20
T322A335M010AS
0.5
4
CX05F335M
T323A335M010AS
3.9
B
5,10,20
T322B395(1)010AS
0.5
4
4.7
B
5,10,20
T322B475(1)010AS
0.5
4
5.6
B
5,10,20
T322B565(1)010AS
0.5
4
6.8
B
5,10,20
T322B685(1)010AS
0.5
6
8.2
B
5,10,20
T322B825(1)010AS
0.7
6
10.0
B
5
T322B106J010AS
0.8
6
10.0
B
10
T322B106K010AS
0.8
6
CX05F106K
T323B106K010AS
10.0
B
20
T322B106M010AS
0.8
6
CX05F106M
T323B106M010AS
12.0
C
5,10,20
T322C126(1)010AS
1.0
6
15.0
C
5,10,20
T322C156(1)010AS
1.2
6
18.0
C
5,10,20
T322C186(1)010AS
1.4
6
22.0
C
5
T322C226J010AS
1.5
6
22.0
C
10
T322C226K010AS
1.5
6
CX05F226K
T323C226K010AS
22.0
C
20
T322C226M010AS
1.5
6
CX05F226M
T323C226M010AS
27.0
D
5
T322D276J010AS
2.2
6
27.0
D
10
T322D276K010AS
2.2
6
CX05F276K
T323D276K010AS
27.0
D
20
T322D276M010AS
2.2
6
CX05F276M
T323D276M010AS
33.0
D
5
T322D336J010AS
2.6
6
33.0
D
10
T322D336K010AS
2.6
6
CX05F336K
T323D336K010AS
33.0
D
20
T322D336M010AS
2.6
6
CX05F336M
T323D336M010AS
39.0
D
5
T322D396J010AS
3.1
6
39.0
D
10
T322D396K010AS
3.1
6
CX05F396K
T323D396K010AS
39.0
D
20
T322D396M010AS
3.1
6
CX05F396M
T323D396M010AS
47.0
D
5
T322D476J010AS
3.8
6
47.0
D
10
T322D476K010AS
3.8
6
CX05F476K
T323D476K010AS
47.0
D
20
T322D476M010AS
3.8
6
CX05F476M
T323D476M010AS
56.0
E
5,10,20
T322E566(1)010AS
4.4
6
68.0
E
5,10,20
T322E686(1)010AS
5.0
6
82.0
E
5,10,20
T322E826(1)010AS
5.0
8
100.0
E
5,10,20
T322E107(1)010AS
8.0
8
120.0
E
5,10,20
T322E127(1)010AS
9.6
8
150.0
E
5,10,20
T322E157(1)010AS
10.0
8
180.0
F
5,10,20
T322F187(1)010AS
10.0
8
220.0
F
5,10,20
T322F227(1)010AS
10.0
8
15 VOLT RATING AT 85°C — 10 VOLT RATING AT 125°C
1.5
A
5,10,20
T322A155(1)015AS
0.5
4
1.8
A
5,10,20
T322A185(1)015AS
0.5
4
2.2
A
5
T322A225J015AS
0.5
4
2.2
A
10
T322A225K015AS
0.5
4
CX05H225K
T323A225K015AS
2.2
A
20
T322A225M015AS
0.5
4
CX05H225M
T323A225M015AS
2.7
B
5,10,20
T322B275(1)015AS
0.5
4
3.3
B
5,10,20
T322B335(1)015AS
0.5
4
3.9
B
5,10,20
T322B395(1)015AS
0.5
4
4.7
B
5,10,20
T322B475(1)015AS
0.6
4
5.6
B
5,10,20
T322B565(1)015AS
0.7
4
6.8
B
5
T322B685J015AS
0.8
6
6.8
B
10
T322B685K015AS
0.8
6
CX05H685K
T323B685K015AS
6.8
B
20
T322B685M015AS
0.8
6
CX05H685M
T323B685M015AS
8.2
C
5,10,20
T322C825(1)015AS
1.0
6
10.0
C
5,10,20
T322C106(1)015AS
1.2
6
12.0
C
5,10,20
T322C126(1)015AS
1.4
6
15.0
C
5
T322C156J015AS
1.5
6
15.0
C
10
T322C156K015AS
1.5
6
CX05H156K
T323C156K015AS
15.0
C
20
T322C156M015AS
1.5
6
CX05H156M
T323C156M015AS
®
KEMET
TANTALUM MOLDED / AXIAL — MIL-C-49137/1 & 5
T322 & T323 (CX01 & CX05) SERIES
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
45
CX01 & CXO5 CAPACITORS
PER MIL-C-49137/1 & 5
RATINGS & PART NUMBER REFERENCE
(1) To complete KEMET Part Number, insert Capacitance Tolerance Symbol as follows: M — ±20%, K — ±10%, J — ±5%
Bold Face lines indicate preferred part types and values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com