Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 103 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 99Page - STMicroelectronics STR720RBQ6 Datasheet HTML 100Page - STMicroelectronics STR720RBQ6 Datasheet HTML 101Page - STMicroelectronics STR720RBQ6 Datasheet HTML 102Page - STMicroelectronics STR720RBQ6 Datasheet HTML 103Page - STMicroelectronics STR720RBQ6 Datasheet HTML 104Page - STMicroelectronics STR720RBQ6 Datasheet HTML 105Page - STMicroelectronics STR720RBQ6 Datasheet HTML 106Page - STMicroelectronics STR720RBQ6 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 401 page
background image
STR720 - DRAM CONTROLLER (DRAMC)
103/401
10.3.2
APB Interface
The APB Interface contains the DRAM Controller registers and is used only to access these
registers.
The length of time required to properly transfer data from/to external memory is controlled by
an internal Bank Configuration Register which is dedicated to each bank. The data fields of
this register determine the number of memory clock cycles used to access that bank; the
access time also depends on the bus width and the latency of the selected device. A flag bit in
the Memory Configuration Register (one register for all banks) informs the controller if a
particular bank is accessible or not.
To allow the STR720 to directly configure the SDRAM devices, the SDRAM Configuration
Registers are provided. When they are written via the system bus, the DRAM Controller will
drive memory bus output signals with the values from the SDRAM Configuration Registers.
This means that the content of the selected register will be outputted on the memory bus and
the corresponding memory bank chip select will be asserted, for one clock period.
10.3.3
Refresh Timer
A refresh timer is provided to issue refresh commands to SDRAM and EDO devices. Refresh
commands are issued to all banks simultaneously.
When a refresh is requested, the DRAMC waits for any active memory transfer to complete
before activating the refresh.
Any system bus memory transfers started while the refresh is in progress are stalled by the
Controller.
The refresh counter uses an enable signal, synchronous with the rising edge of the system
clock, which is generated by prescaling CLK input signal by 16.
This signal
is used to ensure that the refresh counter operates at the same frequency
regardless of the current system clock configuration depending on PLL and RCCU settings.
If the PWRSAVE bit in the Memory Configuration Register is set to ‘1’ , the refresh logic will
set external memories in the power save self-refresh mode (as long as the bit remain high).
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com