Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 101Page - STMicroelectronics STR720RBQ6 Datasheet HTML 102Page - STMicroelectronics STR720RBQ6 Datasheet HTML 103Page - STMicroelectronics STR720RBQ6 Datasheet HTML 104Page - STMicroelectronics STR720RBQ6 Datasheet HTML 105Page - STMicroelectronics STR720RBQ6 Datasheet HTML 106Page - STMicroelectronics STR720RBQ6 Datasheet HTML 107Page - STMicroelectronics STR720RBQ6 Datasheet HTML 108Page - STMicroelectronics STR720RBQ6 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 401 page
background image
STR720 - DRAM CONTROLLER (DRAMC)
105/401
Bit 1:0
SDRAMCOL[1:0]: SDRAM Column Width
This field specifies the width of the SDRAM column address .
= 0b00. 8 bits
= 0b01. 9 bits
= 0b10. 10 bits
= 0b11. Reserved.
Bank 2 Configuration Register (MB2Config)
Address Offset: 04h
Reset value: 0000h
The Bank 2 Configuration Register (MB2Config) is a 16-bit read/write control register used to
configure specific parameters of external region 2 (Bank 2).
The MB2Config control bits are the same as MB1Config register.
Bank 3 Configuration Register (MB3Config)
Address Offset: 08h
Reset value: 0000h
The Bank 3 Configuration Register (MB3Config) is a 16-bit read/write control register used to
configure specific parameters of external region 3 (Bank 3).
The MB3Config control bits are the same as MB1Config register.
15
14
13
12
11
10
9
8
7
6543210
reserved
DEVWID[1:0]
DATALAT[1:0]
SETUPTIME[2:0]
IDLETIME[2:0]
SDRAMCOL[1:0]
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6543210
reserved
DEVWID[1:0]
DATALAT[1:0]
SETUPTIME[2:0]
IDLETIME[2:0]
SDRAMCOL[1:0]
rw
rw
rw
rw
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com