Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 134 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 130Page - STMicroelectronics STR720RBQ6 Datasheet HTML 131Page - STMicroelectronics STR720RBQ6 Datasheet HTML 132Page - STMicroelectronics STR720RBQ6 Datasheet HTML 133Page - STMicroelectronics STR720RBQ6 Datasheet HTML 134Page - STMicroelectronics STR720RBQ6 Datasheet HTML 135Page - STMicroelectronics STR720RBQ6 Datasheet HTML 136Page - STMicroelectronics STR720RBQ6 Datasheet HTML 137Page - STMicroelectronics STR720RBQ6 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 401 page
background image
STR720 - ATAPI-IDE INTERFACE
134/401
Primary IDE Timing (PIDETIM)
Address Offset: 140h
Reset value: 00h
Bit 0 = FTB0: Drive 0 Fast Timing Bank Select.
0: Use 16-bit compatible timings to the Data Port for Drive 0
1: Use timing for Drive 0 defined by bit 3 (TIM0)
Bit 1 =RDY0EN: Drive 0 IOrdy Sampling Enable
0: Disable IOrdy Sampling for Drive 0
1: Enable IOrdy Sampling for Drive 0
Bit 2 = PP0EN: Drive 0 Prefetch and Posting Enable
0: Disable Prefetch and Posting for Drive 0
1: Enable Prefetch and Posting for Drive 0
Bit 3 = TIM0: Drive 0 Timing Select
0: PIO transfers use fast timing for Drive 0
1: PIO transfers use Mode 0 compatible timing for Drive 0
Bit 4 = FTB1: Drive 1 Fast Timing Bank Select.
0: Use 16-bit compatible timings to the Data Port for Drive 1
1: Use timing for Drive 1 defined by bit 7 (TIM1)
Bit 5 = RDY1EN: Drive 1 IOrdy Sampling Enable
0: Disable IOrdy Sampling for Drive 1
1: Enable IOrdy Sampling for Drive 1
Bit 6 = PP1EN: Drive 1 Prefetch and Posting Enable
0: Disable Prefetch and Posting for Drive 1
1: Enable Prefetch and Posting for Drive 1
Bit 7 = TIM1: Drive 1 Timing Select
0: PIO transfers use fast timing for Drive 1
1: PIO transfers use Mode 0 compatible timing for Drive 1
Bits 9:8 = RCTP: Recovery Time.
Defines the minimum number of clock periods inactive between successive cycles: 00=4,
01=3,10=2, 11=1
Bits 11:10 = Reserved. Must be kept at reset value.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DCDEN STEN
ISPP
Reserved
RCTP
TIM1
PP1EN RDY1EN
FTB1
TIM0
PP0EN RDY0EN
FTB0
rw
rw
rw
-
rw
rwrw
rw
rwrwrw
rw
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com