Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 135 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 131Page - STMicroelectronics STR720RBQ6 Datasheet HTML 132Page - STMicroelectronics STR720RBQ6 Datasheet HTML 133Page - STMicroelectronics STR720RBQ6 Datasheet HTML 134Page - STMicroelectronics STR720RBQ6 Datasheet HTML 135Page - STMicroelectronics STR720RBQ6 Datasheet HTML 136Page - STMicroelectronics STR720RBQ6 Datasheet HTML 137Page - STMicroelectronics STR720RBQ6 Datasheet HTML 138Page - STMicroelectronics STR720RBQ6 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 401 page
background image
STR720 - ATAPI-IDE INTERFACE
135/401
Bits 13:12 = ISPP: IOrdy Sample Point.
Defines how many clock periods before Iordry is sampled, 00=5, 01=4, 10=3, 11=2
Bit 14 = STEN: Slave IDE Timing Enable
0: Disable Slave IDE Timing. RCTP and ISPP configurations apply to both Drives 0/1
1: Enable Slave IDE Timing. RCTP and ISPP configurations apply to just Drive 0. To configure
Drive 1 RCTP and ISPP settings, use the SLIDETIM register.
Bit 15 = DCDEN: IDE Decode Enable
0: Disable IDE Decode
1: Enable IDE Decode
Slave IDE Timing (SLIDETIM)
Address Offset: 144h
Reset value: 00h
Bits 1:0 = RCTS: Primary Drive 1 Recovery Time.
Defines the minimum number of clock periods NIRD/NIWR are inactive between successive
cycles: 00=4, 01=3, 10=2, 11=1. Note that bit 14 (STEN) of PIDETIM must be set to 1 for
these settings to take effect.
Bits 3:2 = ISPS: Primary Drive 1 IOrdy Sample Point.
Defines how many clock periods after NIRD/NIWR is asserted on the IDE before IOrdy is
sampled: 00=5, 01=4, 10=3, 11=2. Note that bit 14 (STEN) of PIDETIM must be set to 1 for
these settings to take effect.
Bits 7:4 = Reserved. Must be kept at reset value.
7
6
54
32
1
0
Reserved
ISPS
RCTS
-rw
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com