Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 140 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 136Page - STMicroelectronics STR720RBQ6 Datasheet HTML 137Page - STMicroelectronics STR720RBQ6 Datasheet HTML 138Page - STMicroelectronics STR720RBQ6 Datasheet HTML 139Page - STMicroelectronics STR720RBQ6 Datasheet HTML 140Page - STMicroelectronics STR720RBQ6 Datasheet HTML 141Page - STMicroelectronics STR720RBQ6 Datasheet HTML 142Page - STMicroelectronics STR720RBQ6 Datasheet HTML 143Page - STMicroelectronics STR720RBQ6 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 401 page
background image
STR720 - RESET AND CLOCK CONTROL UNIT (RCCU)
140/401
When RESET internal is deasserted, the RCCU enters Run mode of operation (see below).
The event causing the last Reset is flagged in the CLKFLAG register: the corresponding bit is
set. A hardware initiated reset will leave all these bits reset. The hardware reset overrides all
other conditions and forces the system to the reset state. During the Reset phase, the internal
registers are set to their reset values, where these are defined.
Note
On STR720 device, hardware reset pin has to be kept low for a duration longer than
the on-chip RC filter width (between 50 ns and 500 ns) in order to start the reset
sequence described above.
13.3.2
PLL Management
After reset the PLL is not enabled and it must be turned on and enabled by the software.
The CLK signal drives a programmable divide-by-two circuit. If the DIV2 control bit in CLK_
FLAG register is set, PLLREFCLK, is equal to CLK divided by two; if DIV2 is reset,
PLLREFCLK is identical to CLK. The divide- by- two circuit ensures also a 50% duty cycle
signal. When the PLL is active, it multiplies PLLREFCLK by a factor depending on the status
of the MX[5:0] bits in PLLCONF register. The multiplied clock is then divided, inside the PLL,
by a factor determined by the status of the DX[1:0] bits in PLLCONF register;
The PLL contains a frequency comparator between PLLREFCLK and the PLL clock output
that verifies if the PLL clock has stabilized (locked status). The bit LOCK in PLLCONF register
becomes 1 when this condition occurs and maintains this value as long as the PLL is locked,
going back to 0 if for some reason (noise on input clock line, switch off of PLL, stop and restart
of PLLREFCLK and so on) looses the programmed frequency in which it was locked. It is
possible to select the PLL clock as system clock only when the LOCK bit is ’1’ (the selection is
done by clearing PLLBYP bit).
PLL LOCK status changing is monitored by two different interrupt pending bits:
•
LOCK_I monitors PLL LOCK (0 to 1 transition of LOCK bit)
•
ULOCK_I monitors PLL UNLOCK (1 to 0 transition of LOCK bit)
System clock switching activity is monitored by DIV2_F, PLLBYP_F, IDLE_F, SLOW_F flags
inside CLKFLAG register.
In order to activate PLL to generate system clock, the following procedure is recommended:
1. Set multiplication/division factors in PLLCONF register, while PLL is still switched off.
2. Switch on PLL by resetting PLLOFF bit in PLLCONF register.
3. Wait for LOCK bit in PLL CONF register to become ‘1’ (or use related interrupt event).
4. Switch system clock to PLL output, by resetting PLLBYP bit in PLLCONF register.
Alternatively, if exact system clock frequency is not required during system set-up phase,
PLLBYP bit can be reset also immediately after resetting PLLOFF bit in PLLCONF register
(but not in the same instruction). In this way system clock is switched immediately to PLL
output, even if it has not yet settled to its final value.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com