Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 143 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 139Page - STMicroelectronics STR720RBQ6 Datasheet HTML 140Page - STMicroelectronics STR720RBQ6 Datasheet HTML 141Page - STMicroelectronics STR720RBQ6 Datasheet HTML 142Page - STMicroelectronics STR720RBQ6 Datasheet HTML 143Page - STMicroelectronics STR720RBQ6 Datasheet HTML 144Page - STMicroelectronics STR720RBQ6 Datasheet HTML 145Page - STMicroelectronics STR720RBQ6 Datasheet HTML 146Page - STMicroelectronics STR720RBQ6 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 401 page
background image
STR720 - RESET AND CLOCK CONTROL UNIT (RCCU)
143/401
13.4 Register description
PLL CONFiguration register (PLLCONF)
Address Offset: 00h
Reset value: 03C7h
This register is write protected and can be unlocked using REG_PROT bit in SYSPROT
register.
Bit 15 = LOCK: PLL locked in
This bit is read only.
0: The PLL is not locked or turned OFF and cannot be selected as system clock source
1: The PLL is locked
Bit 14 = AUTOBYP_EN: auto-bypass enable
This bit enables the auto-bypass mode. In auto-bypass mode when the LOCK bit return to ’0’
the system clock switches back to PLLCLKREF even if the PLLBYP bit is ’0’.
0: auto-bypass mode off
1: auto-bypass mode on
Bit 13:10 = Reserved. Give ‘0’ when read and must be written to ‘0’.
Bit 9 = PLLOFF: PLL switch OFF
0: PLL is switched on
1: PLL is switched off
Bit 8 = PLLBYP: PLL bypass bit (see also AUTOBYP_EN bit)
0: PLL provides the system clock
1: PLL is bypassed and PLLCLKREF is used as system clock
Note
If PLLBYP changes from ‘1’ to ‘0’, but PLLOFF bit is ‘1’, no clock switch occurs since
PLL is switched on again and a stable clock is available, but PLL may be not yet
locked.
Bit 7:6 = DX[1:0]: PLL output clock divider factor.
This bit field selects the divider factor used on the PLL output clock. Refer to Table 36 for PLL
divider setting.
15
14
13
12
11
10
9
8
765432
1
0
LOCK
AUTOB
YP_EN
Reserved
PLLOFF PLLBYP
DX[1:0]
MX[5:0]
r
rw
-
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Table 36. PLL divider settings
DX1
DX0
CK
0
0
PLLCLKREF/1
0
1
PLLCLKREF/2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com