Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 150 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 146Page - STMicroelectronics STR720RBQ6 Datasheet HTML 147Page - STMicroelectronics STR720RBQ6 Datasheet HTML 148Page - STMicroelectronics STR720RBQ6 Datasheet HTML 149Page - STMicroelectronics STR720RBQ6 Datasheet HTML 150Page - STMicroelectronics STR720RBQ6 Datasheet HTML 151Page - STMicroelectronics STR720RBQ6 Datasheet HTML 152Page - STMicroelectronics STR720RBQ6 Datasheet HTML 153Page - STMicroelectronics STR720RBQ6 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 401 page
background image
STR720 - REAL TIME CLOCK (RTC)
150/401
14
REAL TIME CLOCK (RTC)
14.1 Introduction
The RTC provides a set of continuously running counters which can be used, with suitable
software, to provide a clock-calendar function. The counters values can be written to set the
current time/date of the system.
The RTC includes an APB slave interface, to provide access by word to internal 48-bit
registers. this interface is properly disconnected by the APB bus when the main power supply
is removed.
14.2 Main Features
■
48-bit programmable counter for long term measurement
■
External clock input, CLK_AF, defining RTC ticks (must be at least 4 times slower than APB
clock) driven by two different sources:
•
32 kHz crystal oscillator connected to OSCIN and OSCOUT
•
External clock generator connected to OSCIN
■
Separate power supply
■
2 dedicated maskable interrupt lines:
•
alarm interrupt, to generate a software programmable alarm interrupt (up to 1 s)
•
periodic interrupt, to generate a software programmable periodic interrupt (up to 32 s)
14.3 Functional Description
14.3.1
Overview
The RTC consists of two main units (see Figure 18 on page 151), the first one (S-APB
Interface) is used to interface with the APB bus. This unit also contains a set of 16-bit
registers, synchronous to the S-APB clock and accessible from the APB bus in read or write
mode (for more details refer to Register description section). The APB interface is clocked by
S-APB clock in order to interface with APB bus.
The other unit (RTC Core) consists of three programmable registers. The first is made of a
48-bit programmable counter that may be initialized to the current system time. The system
time is incremented at CLK_AF rate and compared with a programmable date (stored in the
second 48-bit register, RTCA) in order to generate an alarm via an interrupt (Alarm), if
enabled in the RTCCR control register. The third register is the 20-bit RTCP register that is
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com