Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 154 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 150Page - STMicroelectronics STR720RBQ6 Datasheet HTML 151Page - STMicroelectronics STR720RBQ6 Datasheet HTML 152Page - STMicroelectronics STR720RBQ6 Datasheet HTML 153Page - STMicroelectronics STR720RBQ6 Datasheet HTML 154Page - STMicroelectronics STR720RBQ6 Datasheet HTML 155Page - STMicroelectronics STR720RBQ6 Datasheet HTML 156Page - STMicroelectronics STR720RBQ6 Datasheet HTML 157Page - STMicroelectronics STR720RBQ6 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 401 page
background image
STR720 - REAL TIME CLOCK (RTC)
154/401
Bit 2 = PERIR: PERiodic Interrupt Request
This bit stores the status of periodic interrupt request signal (RTC_PerIT) generated by the
20 bit programmable counter when the threshold set in RTCP register is reached. When this
bit is at ‘1’, the corresponding interrupt will be generated only if PEREN bit is set to ‘1’. PERIR
bit can be set at ‘1’ only by hardware and can be cleared only by software, while writing ‘1’ will
left it unchanged.
0: Periodic interrupt condition not met.
1: Periodic interrupt request pending.
Bit 1 = AIR: Alarm Interrupt Request
This bit contains the status of periodic interrupt request signal (RTC_AlarmIT) generated by
the 48 bit programmable counter when the threshold set in RTCA register is reached. When
this bit is at ‘1’, the corresponding interrupt will be generated only if AEN bit is set to ‘1’. AIR bit
can be set at ‘1’ only by hardware and can be cleared only by software, while writing ‘1’ will left
it unchanged.
0: Alarm interrupt condition not met.
1: Alarm interrupt request pending.
Note
The alarm event generated during the standby mode (and so with the device kept
under Reset by external RSTIN forced low) does not set the AIR bit.
Note
Any alarm event generated during STOP mode occurs after 1s regardless of the
value programmed in the RTCA register.
Bit 0 = Reserved. This bits must always be written to ‘0’, but it will be read back as ‘1’.
Any interrupt request remains pending until the appropriate RTCCR request bit is reset by
software, notifying that the interrupt request has been granted.
RTCCNT: RTC Counter registers
The RTC counter has three 16 bit programmable counters; their count rate is based on the
CLK_AF time reference. RTCCNT registers keep the counting value of these counters. They
are write protected by bit RTOFF of RTCCR register, write operation is allowed if RTOFF
value is ‘1’. A write operation on any of the three registers (CNT_H, CNT_M or CNT_L) loads
directly the corresponding programmable counter. When reading, the current value in the
counter (system date) is returned. The counters keep on running while the external clock
oscillator is working even if the system is powered down.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com