Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 157 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 153Page - STMicroelectronics STR720RBQ6 Datasheet HTML 154Page - STMicroelectronics STR720RBQ6 Datasheet HTML 155Page - STMicroelectronics STR720RBQ6 Datasheet HTML 156Page - STMicroelectronics STR720RBQ6 Datasheet HTML 157Page - STMicroelectronics STR720RBQ6 Datasheet HTML 158Page - STMicroelectronics STR720RBQ6 Datasheet HTML 159Page - STMicroelectronics STR720RBQ6 Datasheet HTML 160Page - STMicroelectronics STR720RBQ6 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 401 page
background image
STR720 - REAL TIME CLOCK (RTC)
157/401
Bit 15:0 = RTCA[47:32]: RTC Alarm High
Reading RTCA_H register, the high part of alarm time is returned. To write this register it is
required to enter into configuration mode (see RTOFF bit of RTCCR register).
RTCP: RTC Periodic value registers
These registers keep the period counting value of the RTC periodic tick. It is write protected
by bit RTOFF of RTCCR register, write operation is allowed if RTOFF value is ‘1’. They are
used to strobe a periodic interrupt signal, RTC_PerIT, each time the counter counts down from
the RTCP value. When it reaches this threshold it resets itself and begins again. This signal is
independent of the other system interrupts in terms of alignment. The reset value sets the
register signal period to 1 second. When reading, the current value in the counter elapsing the
period of the programmable tick is returned.
Note
If the RTCP registers are loaded with the value 00000000h then the periodic
interrupt will always be high until the register is loaded with a different periodic value.
RTCP_L
Address Offset: 1Ch
Reset value: 8000h
Bit 15:0 = RTCP[15:0]: RTC Periodic Low
Reading RTCP_L register, the low part of current RTCP counter value is returned. To write
this register it is required to enter into configuration mode (see RTOFF bit of RTCCR register).
RTCP_H
Address Offset: 20h
Reset value: 0000h
Bit 15:4 = Reserved. These bits must always be written to ‘0’.
Bit 3:0 = RTCP[19:16]: RTC Periodic High
Reading RTCP_H register, the high part of current RTCP counter value is returned. To write
this register it is required to enter into configuration mode (see RTOFF bit of RTCCR register).
15
14
13
12
11
10
9
8
765432
1
0
RTCP[15:0]
rw
15
14
13
12
11
10
9
8
765432
1
0
Reserved
RTCP[19:16]
-rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com