Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 163 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 159Page - STMicroelectronics STR720RBQ6 Datasheet HTML 160Page - STMicroelectronics STR720RBQ6 Datasheet HTML 161Page - STMicroelectronics STR720RBQ6 Datasheet HTML 162Page - STMicroelectronics STR720RBQ6 Datasheet HTML 163Page - STMicroelectronics STR720RBQ6 Datasheet HTML 164Page - STMicroelectronics STR720RBQ6 Datasheet HTML 165Page - STMicroelectronics STR720RBQ6 Datasheet HTML 166Page - STMicroelectronics STR720RBQ6 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 401 page
background image
STR720 - ASYNCHRONOUS AHB-APB BRIDGE (A3BRG)
163/401
Bridge Status Register (BSR)
Address Offset: 00h
Reset value: 0x0000_0000
This register stores the status of the AHB/APB allowing the application software to determine
the reason of the last failed peripheral access which resulted in an ERROR response to the
corresponding AHB transaction.
Bits 31:9 = Reserved. These bits should be always written to and read back as ‘0’.
Bit 8 = PUR: Peripheral Under Reset.
An access to a peripheral under reset has been attempted.
Bit 7 = PCO: Peripheral Clock Off.
An access to a not-clocked peripheral has been attempted.
Bit 6:5 = Reserved. These bits should be always written to and read back as ‘0’.
Bit 4 = OUTM: Out of memory.
An access out of memory has been attempted.
Bits 3:1 = Reserved. These bits must be always written to and read back as ‘0’.
Bit 0 = ERROR: Error.
a previous access has been aborted because it generates an error. The type of error is
reported on bit 4 to 8.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
reserved
rrrrrr
r
r
rrrrrr
r
r
15
14
13
12
11
10
9
8
765432
1
0
reserved
PUR
PCO
Reserved
OUTM
reserved
ERROR
rrrrrr
r
rc
rc
-
rc
-
rc
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com