Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 164 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 160Page - STMicroelectronics STR720RBQ6 Datasheet HTML 161Page - STMicroelectronics STR720RBQ6 Datasheet HTML 162Page - STMicroelectronics STR720RBQ6 Datasheet HTML 163Page - STMicroelectronics STR720RBQ6 Datasheet HTML 164Page - STMicroelectronics STR720RBQ6 Datasheet HTML 165Page - STMicroelectronics STR720RBQ6 Datasheet HTML 166Page - STMicroelectronics STR720RBQ6 Datasheet HTML 167Page - STMicroelectronics STR720RBQ6 Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 401 page
background image
STR720 - ASYNCHRONOUS AHB-APB BRIDGE (A3BRG)
164/401
Peripherals Address Error Register (PAER)
Address Offset: 08h
Reset value: 0x0000_0000
Bit 31:25 = Reserved. These bits must be always written to and read back as ‘0’.
Bit 24= nRW: access type.
It returns the type of access that generate the error conditions: read(0) or write(1)
Bit 23:0 = Peripheral Address.
The Bridge is able to detect some errors while accessing to a peripherals. If an error occurs,
the bridge ends the APB transaction and reports on the AHB bus an ERROR condition (if
enabled). The address of slave generating the error condition is reported in the PERIPHERAL
ADDRESS field. Depending of the size of the AHB addressing space, the MSB can be filled
with 0.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
reserved
nRW
Peripheral Address (23:16)
-
r
rrrrrr
r
r
15
14
13
12
11
10
9
8
765432
1
0
Peripheral Address (15:0)
rrrrrr
r
r
rrrrrr
r
r
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com