Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 194 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 194 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 190Page - STMicroelectronics STR720RBQ6 Datasheet HTML 191Page - STMicroelectronics STR720RBQ6 Datasheet HTML 192Page - STMicroelectronics STR720RBQ6 Datasheet HTML 193Page - STMicroelectronics STR720RBQ6 Datasheet HTML 194Page - STMicroelectronics STR720RBQ6 Datasheet HTML 195Page - STMicroelectronics STR720RBQ6 Datasheet HTML 196Page - STMicroelectronics STR720RBQ6 Datasheet HTML 197Page - STMicroelectronics STR720RBQ6 Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 401 page
background image
STR720 - BUFFERED SPI (BSPI)
194/401
17.4 Register description
BSPI Control/Status Register 1 (BSPCSR1)
Address Offset: 08h
Reset value: 0000h
Bits 15:12 = RFE[3:0]: Receive FIFO Enable.
The receive FIFO can be programmed to operate with a word depth up to 16. The receive
FIFO enable bits declare how many words deep the FIFO is for all transfers. The FIFO
defaults to one word deep, i.e. similar to a single data register. Table below shows how the
FIFO is controlled.
Bit 11:10 = WL[1:0]: Word Length.
These two bits configure the word length operation of the Receive FIFO and transmit data
registers as shown below:
15
14
13
12
11
10
9
8
765432
1
0
RFE[3:0]
WL[1:0]
CPHA
CPOL
BEIE
Reserved
REIE
RIE[1:0]
MSTR
BSPE
rw
rw
rw
rw
rw
-
rw
rw
rw
rw
RFE[3:0]
Depth of FIFO
0000
1st word enabled
0001
1st & 2nd words enabled
0010
1-3 words enabled
0011
1-4 words enabled
0100
1-5 words enabled
0101
1-6 words enabled
0110
1-7 words enabled
0111
1-8 words enabled
1000
1-9 words enabled
1001
1-10 words enabled
1010
1-11 words enabled
1011
1-12 words enabled
1100
1-13 words enabled
1101
1-14 words enabled
1110
1-15 words enabled
1111
1-16 words enabled
WL[1:0]
Word Length
00
8-bit
01
16-bit
10
Reserved
11
Reserved
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com